Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7210 Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS7210
Description  PROGRAMMABLE DIGITAL DELAY TIMER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7210 Datasheet(HTML) 1 Page - LSI Computer Systems

  LS7210_06 Datasheet HTML 1Page - LSI Computer Systems LS7210_06 Datasheet HTML 2Page - LSI Computer Systems LS7210_06 Datasheet HTML 3Page - LSI Computer Systems LS7210_06 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PROGRAMMABLE DIGITAL DELAY TIMER
June 2006
FEATURES:
• Programmable Delay from 6ms to "Infinity"
• Can be Cascaded for Sequential Events or Extended Delay
• +4.75V to +15V Operation (Vss - VDD)
• On Chip Oscillator or External Clock time base
• High Noise Immunity
• LS7210 (DIP); LS7210-S (SOIC) - (See Figure 1)
DESCRIPTION:
The LS7210 is a MOS programmable digital timer that can generate
a delay in the range of 6ms to infinity. The delay is programmed by 5
binary weighted input bits in combination with the time base pro-
vided. The chip can be operated in four different modes: Delayed
Operate, Delayed Release, Dual Delay and One Shot. These modes
are selected by the control inputs A and B.
INPUT/OUTPUT DESCRIPTION:
OSCILLATOR Input (Pin 5)
The frequency of the internal oscillator is set by an RC network con-
nected to the OSC input, as shown in Figure 2. The nominal os-
cillator frequency, f, at room temperature is given by f
≈ 1/RC where
R values range from a minimum of 47K
Ω to a maximum 3MΩ.
NOTE: Oscillation accuracy from chip to chip for a fixed value of RC,
is + 10%. (Parts can supplied to tighter tolerances.)
EXTERNAL CLOCK Input (Pin 6)
If the internal oscillator is not used, the chip can be driven by an ex-
ternal clock applied to this input.
CLOCK SELECT Input (Pin 4)
The internal oscillator or the external clock is selected by the proper
logic level applied to this input. A logic 1 selects the external clock
and logic 0 selects the internal oscillator. (See Note 1)
TRIGGER Input (Pin 3)
A positive or a negative transition at the trigger input initiates a delay
in turning on or off the output. A negative transition always turns on
the output with or without delay depending on the selected mode. A
positive transition at the trigger input always turns off the output (with
the exception of one-shot mode) with or without delay depending on
the selected mode. The delay is a function of the time base fre-
quency and the weighting factor programmed at the weighting bit in-
puts. The trigger input is clocked into the input latch with the neg-
ative edge of the selected time base clock. All timings begin after the
latch has been set up. (See Note 1)
WEIGHTING FACTOR Inputs, WB0-WB4 (Pins 12-8)
A delay from the trigger input to the output is programmed by ap-
plying 1's complement binary weighted numbers at these 5 inputs.
(See Note 1) The exact equation for the delay is:
Delay =
(1 + 1, 023N)
f = Oscillation Frequency
f
N = Weighting Factor
TABLE 1. WEIGHTING BITS ASSIGNMENTS
INPUTS
VALUE
WB0
1
WB1
2
WB2
4
WB3
8
WB4
16
Example: For a weighting factor of 25, inputs WB4, WB3, and
WB0 should be programmed to logic 0.
MODE SELECT Inputs A, B (Pins 2, 1)
The chip can be programmed to operate in four different modes
by applying the logic levels to inputs A and B as indicated in
Table 2. The mode select inputs are clocked into the input latch-
es with the negative edge of the time base clock. These inputs
should not be changed while a delay timing is in progress.
(See Note 1)
TABLE 2. MODE SELECTION
CONTROL
MODE
A
B
1
1
Dual Delay
1
0
Delayed Release
0
1
Delayed Operate
0
0
One Shot
OUT Output (Pin 13)
The output is an open drain FET. To obtain proper switching of
the output between Logic 0 and 1 levels, an external pull down re-
sistor to VDD must be used. If the output is used only as a current
source, no such pull down is needed. The output is logically in-
verted with respect to the trigger input.
VSS, VDD (Pins 14, 9)
Supply voltage positive, negative terminals.
NOTE 1: These inputs have internal pullup resistors.
7210-061606-1
LSI/CSI
LSI Computer Systems, Inc. 1235 Walt Whitman Road, Melville, NY 11747 (631) 271-0400 FAX (631) 271-0405
LS7210
UL
®
A3800
1
2
3
4
5
6
7
14
13
12
11
10
9
8
B
A
TRIGGER
CLOCK SELECT
OSCILLATOR
EXTERNAL CLOCK
V DD (-V)
V SS (+V)
OUT
WB0
WB1
WB2
WB3
WB4
FIGURE 1
PIN ASSIGNMENT - TOP VIEW


Similar Part No. - LS7210_06

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7210 LSI-LS7210 Datasheet
49Kb / 4P
PROGRAMMABLE DIGITAL DELAY TIMER
More results

Similar Description - LS7210_06

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC5555 PHILIPS-74HC5555 Datasheet
142Kb / 23P
Programmable delay timer with oscillator
September 1993
logo
LSI Computer Systems
LS7210 LSI-LS7210 Datasheet
49Kb / 4P
PROGRAMMABLE DIGITAL DELAY TIMER
LS7211 LSI-LS7211 Datasheet
171Kb / 8P
PROGRAMMABLE DIGITAL DELAY TIMER
LS7213 LSI-LS7213 Datasheet
43Kb / 4P
PROGRAMMABLE DIGITAL DELAY TIMER
LS7211N LSI-LS7211N Datasheet
216Kb / 8P
PROGRAMMABLE DIGITAL DELAY TIMER
LS7215 LSI-LS7215 Datasheet
221Kb / 8P
PROGRAMMABLE DIGITAL DELAY TIMER
LS7213R LSI-LS7213R Datasheet
65Kb / 5P
PROGRAMMABLE DIGITAL DELAY TIMER
logo
NXP Semiconductors
74HC5555D-T NXP-74HC5555D-T Datasheet
100Kb / 23P
Programmable delay timer with oscillator
September 1993
logo
LSI Computer Systems
LS7211 LSI-LS7211_03 Datasheet
275Kb / 8P
PROGRAMMABLE DIGITAL DELAY TIMER
logo
Nexperia B.V. All right...
74HC5555 NEXPERIA-74HC5555 Datasheet
314Kb / 28P
Programmable delay timer with oscillator
Rev. 4 - 5 July 2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com