Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7267 Datasheet(PDF) 6 Page - LSI Computer Systems

Part # LS7267
Description  24-BIT DUAL-AXIS QUADRATURE COUNTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7267 Datasheet(HTML) 6 Page - LSI Computer Systems

Back Button LS7267 Datasheet HTML 2Page - LSI Computer Systems LS7267 Datasheet HTML 3Page - LSI Computer Systems LS7267 Datasheet HTML 4Page - LSI Computer Systems LS7267 Datasheet HTML 5Page - LSI Computer Systems LS7267 Datasheet HTML 6Page - LSI Computer Systems LS7267 Datasheet HTML 7Page - LSI Computer Systems LS7267 Datasheet HTML 8Page - LSI Computer Systems LS7267 Datasheet HTML 9Page - LSI Computer Systems LS7267 Datasheet HTML 10Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
7267-042313-
6
asynchronously with respect to XA and XB inputs. In
non-quadrature mode the XCNTR/XABG input is
unconditionally set to the asynchronous mode
XLCNTR/XLOL/ (pin 19). Input. This is the x-axis
functional equivalent of the YCLNTR/YLOL input. The
associated x-axis reference registers are: XCNTR, XOL,
XIOR and XIDR
XA (pin 20), XB (pin 21). Inputs. These are the A and B
count inputs in the x-axis. These inputs can be
configured to function either in quadrature mode or in
non-quadrature mode. The configuration is made with
the XCMR register. In quadrature mode, XA and XB
clocks are normally supplied from incremental encoders
with the two clocks being 90º out of phase. When XA
leads XB in phase, the counter (XCNTR) counts up;
when XA lags XB, the XCNTR counts down.
In non-quadrature mode XA functions as the count input
and XB as the count direction control input. When XB is
high positive transitions at the XA input causes the
XCNTR to count up. Conversely, when XB is low
positive transitions at the XA input causes the XCNTR to
count down.
In quadrature mode XA and XB inputs are sampled for
logic level validation and noise discrimination with an
internal filter clock derived from the FCK input clock. In
non-quadrature mode XA and XB inputs are not sampled
and the count clocks are applied directly to the XCNTR
count input bypassing the filter circuit.
XFLG1 (pin 22). Output. Programmable output in the x-
axis to function as CARRY or BORROW or COMPARE
or INDX. The configuration is made with the XIOR
register. The output is generated as a low pulse when
the selected event takes place CARRY or BORROW
output is generated when the XCNTR overflows or
underflows respectively. INDX output is generated when
the designated INDEX input goes into active level.
COMPARE output is generated at XCNTR = XPR. An
exception is made in the
modulo-N and range-limit
modes In these modes the COMPARE output is
generated at XCNTR = XPR only in the
up count
direction.
XFLG2 (pin 23). Output. Programmable output in the x-
axis to function as BORROW or UP/DN or E. The
configuration is made with the XIOR register. The
BORROW output is generated as a low pulse when the
XCNTR underflows. When configured as UP/DN the
output dynamically goes high when the XCNTR is
counting up and low when it is counting down. When
configured as E the output sets to 1 whenever the
following condition exists: t4. ≤ t3 or t5. ≤ 2t3 (see page 8).
Once set it remains set until the FLAG register bit-4 is
reset.
YA (pin25), YB (pin 24). Inputs. These are the y-axis
functional equivalents of the XA and XB inputs. They
operate on the YCNTR and are configured with the
YCMR register.
YFLG2 (pin26), Output. This is the y-axis functional
equivalent of XFLG2 .
YFLG1 (pin27), Output. This is the y-axis functional
equivalent of XFLG1
YRCNTR/YABG (pin 28). Input. This is the y-axis
functional equivalent of the XRCNTR/XABG input. The
associated y-axis reference registers are: YCNTR, YOL,
YIOR and YIDR .
uC
CLK
Pn<0:7 >
Px<0:3>
LS7267
FCK
D<0:7>
WR/
RD/
CS/
X/Y
A
B
RCNTR/
Encoder
INDEX
A
B
A Typical Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com