Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7267 Datasheet(PDF) 9 Page - LSI Computer Systems

Part # LS7267
Description  24-BIT DUAL-AXIS QUADRATURE COUNTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7267 Datasheet(HTML) 9 Page - LSI Computer Systems

Back Button LS7267 Datasheet HTML 5Page - LSI Computer Systems LS7267 Datasheet HTML 6Page - LSI Computer Systems LS7267 Datasheet HTML 7Page - LSI Computer Systems LS7267 Datasheet HTML 8Page - LSI Computer Systems LS7267 Datasheet HTML 9Page - LSI Computer Systems LS7267 Datasheet HTML 10Page - LSI Computer Systems LS7267 Datasheet HTML 11Page - LSI Computer Systems LS7267 Datasheet HTML 12Page - LSI Computer Systems LS7267 Datasheet HTML 13Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
7267-091615-9
Parameter
Symbol Min. Value
Max.Value
Unit
Remarks
For VDD = 5V:
Quadrature Mode (See Fig. 3-5)
FCK High Pulse Width
t1
10
-
ns
-
FCK Low Pulse Width
t2
10
-
ns
-
FCK Frequency
fFCK
-
50
MHz
-
Mod-n Filter Clock(FCKn)Period
t3
20
-
ns
t3
= (n+1) (t1+t2),
where n = PSC = 0 to FFH
FCKn frequency
fFCKn
-
50
MHz
-
Quadrature Separation
t4
22
-
ns
t4 > t3
Quadrature Clock Pulse Width
t5
88
-
ns
t5 > 4t3
Quadrature Clock frequency
fQA, fQB
-
5.6
MHz
fQA = fQB = 1/(2t5)
Quadrature Clock to Count Delay
tQ1
4
t3
5
t3
-
-
x1/x2/x4 Count Clock Pulse Width tQ2
20
-
ns
tQ2
= t3
Index Input Pulse Width
tidx
42
-
ns
tidx > 2
t3
Index setup/hold time
tsi/thi
5
-
ns
-
INDX output width
tQ3
10
-
ns
tQ3 = (t3 - t2)
Carry/Borrow/Compare Output Width
tQ3
10
-
ns
tQ3
= (t3 - t2)
Non-Quadrature Mode (See Fig. 6-7)
Clock A - High Pulse Width
t6
10
-
n
s
-
Clock A - Low Pulse Width
t7
10
-
n
s
-
Direction Input B Set-up Time
tbs
12
-
ns
-
Direction Input B Hold Time
tbh
5
-
ns
-
Gate Input (ABG) Set-up Time
tGS
12
-
ns
-
Gate Input (ABG) Hold Time
tGH
5
-
ns
-
Clock Frequency
fA
-
5
0
MHz
f
A
= (1/ (t6 + t7) )
Clock to Carry or Borrow Out Delay
t9
-
10
ns
-
Carry or Borrow Out Pulse Width
t10
10
-
ns
t10 = t7
Clock to Compare Out Delay
t12
-
15
ns
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com