Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7267 Datasheet(PDF) 8 Page - LSI Computer Systems

Part # LS7267
Description  24-BIT DUAL-AXIS QUADRATURE COUNTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7267 Datasheet(HTML) 8 Page - LSI Computer Systems

Back Button LS7267 Datasheet HTML 4Page - LSI Computer Systems LS7267 Datasheet HTML 5Page - LSI Computer Systems LS7267 Datasheet HTML 6Page - LSI Computer Systems LS7267 Datasheet HTML 7Page - LSI Computer Systems LS7267 Datasheet HTML 8Page - LSI Computer Systems LS7267 Datasheet HTML 9Page - LSI Computer Systems LS7267 Datasheet HTML 10Page - LSI Computer Systems LS7267 Datasheet HTML 11Page - LSI Computer Systems LS7267 Datasheet HTML 12Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
7267
-091615-8
Transient Characteristics. (TA = -25˚C to +80˚C)
Parameter
Symbol Min. Value
Max.Value
Unit
Remarks
For VDD = 3V to 5.5V:
Read Cycle (See Fig. 1)
RD Pulse Width
tr1
80
-
ns
-
CS Set-up Time
tr2
80
-
ns
-
CS Hold Time
tr3
0
-
ns
-
C/D Set-up Time
tr4
80
-
ns
-
C/D Hold Time
tr5
10
-
ns
-
X/Y Set-up Time
tr6
80
-
ns
-
X/Y Hold Time
tr7
10
-
ns
-
Data Bus Access Time
tr8
80
-
ns
Access starts when both RD
and CS are low.
Data Bus Release Time
tr9
-
35
ns
Release starts when either RD
or CS is terminated.
Back to Back Read delay
tr10
90
-
ns
-
Write Cycle (See Fig. 2)
WR Pulse Width
tW1
45
-
ns
-
CS Set-up Time
tW2
45
-
ns
-
CS Hold Time
tW3
0
-
ns
-
C/D Set-up Time
tW4
45
-
ns
-
C/D Hold Time
tW5
10
-
ns
-
X/Y Set-up Time
tW6
45
-
ns
-
X/Y Hold Time
tW7
10
-
ns
-
Data Bus Set-up Time
tW8
45
-
ns
-
Data Bus Hold Time
tW9
10
-
ns
-
Back to Back Write Delay
tW10
90
-
ns
-
Load CNTR, Reset CNTR and
Load OL Pulse Width
t11
35
-
ns
-
For VDD = 3V:
Quadrature Mode (See Fig. 3-5)
FCK High Pulse Width
t1
18
-
ns
-
FCK Low Pulse Width
t2
1
8
-
ns
-
FCK Frequency
fFCK
-
27
MHz
-
Mod-n Filter Clock(FCKn)Period
t3
36
-
ns
t3 = (n+1) (t1+t2),
where n = PSC = 0 to FFH
FCKn frequency
fFCKn
-
27
MHz
-
Quadrature Separation
t4
40
-
ns
t4 > t3
Quadrature Clock Pulse Width
t5
160
-
ns
t5 >4t3
Quadrature Clock frequency
fQA, fQB
-
3.1
MHz
fQA = fQB = 1/(2t5)
Quadrature Clock to Count Delay
tQ1
4
t3
5
t3
-
-
x1/x2/x4 Count Clock Pulse Width tQ2
36
-
ns
tQ2 = t3
Index Input Pulse Width
tidx
76
-
ns
tidx > 2t3
Index setup/hold time
tsi/thi
5
-
ns
-
INDX Output Width
tQ3
18
-
ns
tQ3 = (t3 - t2)
Carry/Borrow/Compare Output Width
tQ3
18
-
ns
tQ3 = (t3 - t2)
Non-Quadrature Mode (See Fig. 6-7)
Clock A - High Pulse Width
t6
18
-
ns
-
Clock A - Low Pulse Width
t7
18
-
ns
-
Direction Input B Set-up Time
tbS
20
-
ns
-
Direction Input B Hold Time
tbh
10
-
ns
-
Gate Input (ABG) Set-up Time
tGS
20
-
ns
-
Gate Input (ABG) Hold Time
tGH
1
0
-
ns
-
Clock Frequency
fA
-
27
MHz
fA
= (1/ (t6 + t7) )
Clock to Carry or Borrow Out Delay
t9
-
2
0
ns
-
Carry or Borrow Out Pulse Width
t10
18
-
ns
t10
= t7
Clock to Compare Out Delay
t12
-
30
ns
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com