Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP172AM Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP172AM
Description  Photocouplers Photorelay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP172AM Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP172AM Datasheet HTML 1Page - Toshiba Semiconductor TLP172AM Datasheet HTML 2Page - Toshiba Semiconductor TLP172AM Datasheet HTML 3Page - Toshiba Semiconductor TLP172AM Datasheet HTML 4Page - Toshiba Semiconductor TLP172AM Datasheet HTML 5Page - Toshiba Semiconductor TLP172AM Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TLP172AM
4
9.
9.
9.
9. Coupled Electrical Characteristics (Unless otherwise specified, T
Coupled Electrical Characteristics (Unless otherwise specified, T
Coupled Electrical Characteristics (Unless otherwise specified, T
Coupled Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
Characteristics
Trigger LED current
Return LED current
ON-state resistance
Symbol
IFT
IFC
RON
Note
Test Condition
ION = 500 mA
IOFF = 100 µA
ION = 500 mA, IF = 5 mA
Min
0.1
Typ.
1
0.5
1
Max
3
2
Unit
mA
mA
Ω
10.
10.
10.
10. Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
Characteristics
Total capacitance (input to output)
Isolation resistance
Isolation voltage
Symbol
CS
RS
BVS
Note
(Note 1)
(Note 1)
(Note 1)
Test Condition
VS = 0 V, f = 1 MHz
VS = 500 V, R.H. ≤ 60 %
AC, 60 s
AC, 1 s in oil
DC, 60 s, in oil
Min
5×1010
3750
Typ.
0.8
1014
10000
10000
Max
Unit
pF
Ω
Vrms
Vdc
Note 1: This device is considered as a two-terminal device: Pins 1 and 3 are shorted together, and pins 4 and 6 are
shorted together.
11.
11.
11.
11. Switching Characteristics (Unless otherwise specified, T
Switching Characteristics (Unless otherwise specified, T
Switching Characteristics (Unless otherwise specified, T
Switching Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
Characteristics
Turn-on time
Turn-off time
Symbol
tON
tOFF
Note
Test Condition
See Fig. 11.1
RL = 200 Ω, VDD = 20 V, IF = 5 mA
Min
Typ.
0.6
0.1
Max
2
0.5
Unit
ms
Fig.
Fig.
Fig.
Fig. 11.1
11.1
11.1
11.1 Switching Time Test Circuit
Switching Time Test Circuit
Switching Time Test Circuit
Switching Time Test Circuit
12.
12.
12.
12. Ordering Information (Example of Item Name)
Ordering Information (Example of Item Name)
Ordering Information (Example of Item Name)
Ordering Information (Example of Item Name)
Item Name
TLP172AM(E(O
TLP172AM(TPL,E(O
TLP172AM(TPR,E(O
Packaging (Note 1)
SMD
SMD
SMD
Packing (MOQ)
Magazine (125 pcs)
Tape and reel (3000 pcs)
Tape and reel (3000 pcs)
Note 1: SMD: Surface Mount Device
2016-04-22
Rev.1.0
©2016 Toshiba Corporation



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com