Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP172AM Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP172AM
Description  Photocouplers Photorelay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP172AM Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP172AM Datasheet HTML 1Page - Toshiba Semiconductor TLP172AM Datasheet HTML 2Page - Toshiba Semiconductor TLP172AM Datasheet HTML 3Page - Toshiba Semiconductor TLP172AM Datasheet HTML 4Page - Toshiba Semiconductor TLP172AM Datasheet HTML 5Page - Toshiba Semiconductor TLP172AM Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP172AM
1
Photocouplers Photorelay
TLP172AM
TLP172AM
TLP172AM
TLP172AM
Start of commercial production
2016-06
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
Security Systems
•
Factory Automation (FA)
•
Measuring Instruments
•
Battery Management System (BMS)
•
Programmable Logic Controllers (PLCs)
•
Mechanical relay replacements
2.
2.
2.
2. General
General
General
General
The Toshiba TLP172AM consists of a gallium arsenide infrared emitting diode optically coupled to a photo-
MOSFET in a 4-pin SO6 package. This photorelay has higher output current rating than phototransistor-type
photocoupler; hence, it is suitable for use as On/Off control for high current.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Halogen-free
(2)
Operating temperature range: 110(max)
(3)
Normally opened (1-Form-A)
(4)
OFF-state output terminal voltage: 60 V (min)
(5)
Trigger LED current: 3 mA (max)
(6)
ON-state current: 500 mA (max)
(7)
ON-state resistance: 2 Ω (max)
(8)
Isolation voltage: 3750 Vrms (min)
UL-approved: UL1577, File No.E67349 (Pending)
Note:
Plan to be approved in May/2016
Table
Table
Table
Table 3.1
3.1
3.1
3.1 Mechanical Parameters
Mechanical Parameters
Mechanical Parameters
Mechanical Parameters
Characteristics
Creepage distances
Clearance distances
Internal isolation thickness
TLP172AM
5.0 (min)
5.0 (min)
0.2 (min)
Unit
mm
2016-04-22
Rev.1.0
©2016 Toshiba Corporation


Similar Part No. - TLP172AM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP172A TOSHIBA-TLP172A Datasheet
179Kb / 6P
TOSHIBA Photocoupler Photorelay
TLP172A TOSHIBA-TLP172A Datasheet
185Kb / 7P
Photocoupler Photorelay
TLP172A TOSHIBA-TLP172A_07 Datasheet
185Kb / 7P
Photocoupler Photorelay
More results

Similar Description - TLP172AM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP171D TOSHIBA-TLP171D Datasheet
219Kb / 7P
Photocouplers Photorelay
2019-10-11 Rev.4.0
TLP172GM TOSHIBA-TLP172GM Datasheet
303Kb / 11P
Photocouplers Photorelay
2021-05-28 Rev.10.0
TLP223GA TOSHIBA-TLP223GA Datasheet
597Kb / 18P
Photocouplers Photorelay
2022-02-02 Rev.4.0
TLP240GA TOSHIBA-TLP240GA Datasheet
408Kb / 19P
Photocouplers Photorelay
2020-02-04 Rev.8.0
TLP3109A TOSHIBA-TLP3109A Datasheet
314Kb / 10P
Photocouplers Photorelay
2022-04-12 Rev.3.0
TLP3146 TOSHIBA-TLP3146 Datasheet
322Kb / 8P
Photocouplers Photorelay
2018-06-28 Rev.1.0
TLP3407SRA4 TOSHIBA-TLP3407SRA4 Datasheet
545Kb / 12P
Photocouplers Photorelay
2021-09-10 Rev.1.0
TLP3419 TOSHIBA-TLP3419 Datasheet
300Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
TLP3420 TOSHIBA-TLP3420 Datasheet
301Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
TLP3451 TOSHIBA-TLP3451 Datasheet
295Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com