Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP172AM Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP172AM
Description  Photocouplers Photorelay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP172AM Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP172AM Datasheet HTML 1Page - Toshiba Semiconductor TLP172AM Datasheet HTML 2Page - Toshiba Semiconductor TLP172AM Datasheet HTML 3Page - Toshiba Semiconductor TLP172AM Datasheet HTML 4Page - Toshiba Semiconductor TLP172AM Datasheet HTML 5Page - Toshiba Semiconductor TLP172AM Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP172AM
3
6.
6.
6.
6. Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
LED
Detector
Common
Characteristics
Input forward current
Input forward current derating
Input forward current (pulsed)
Input reverse voltage
Input power dissipation
Junction temperature
OFF-state output terminal voltage
ON-state current
ON-state current derating
ON-state current (pulsed)
Output power dissipation
Junction temperature
Storage temperature
Operating temperature
Lead soldering temperature
Isolation voltage
(Ta ≥ 25 )
(100 µs pulse, 100 pps)
(Ta ≥ 25 )
(t = 100 ms, Duty = 1/10)
(10 s)
AC, 60 s, R.H. ≤ 60 %
Symbol
IF
∆IF/∆Ta
IFP
VR
PD
Tj
VOFF
ION
∆ION/∆Ta
IONP
PO
Tj
Tstg
Topr
Tsol
BVS
Note
(Note 1)
Rating
30
-0.3
1
6
50
125
60
500
-5.0
1.5
300
125
-55 to 125
-40 to 110
260
3750
Unit
mA
mA/
A
V
mW
V
mA
mA/
A
mW
Vrms
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: This device is considered as a two-terminal device: Pins 1 and 3 are shorted together, and pins 4 and 6 are
shorted together.
7.
7.
7.
7. Recommended Operating Conditions (Note)
Recommended Operating Conditions (Note)
Recommended Operating Conditions (Note)
Recommended Operating Conditions (Note)
Characteristics
Supply voltage
Input forward current
ON-state current
Operating temperature
Symbol
VDD
IF
ION
Topr
Note
Min
5
-20
Typ.
7.5
Max
48
25
500
100
Unit
V
mA
Note:
The recommended operating conditions are given as a design guide necessary to obtain the intended
performance of the device. Each parameter is an independent value. When creating a system design using
this device, the electrical characteristics specified in this datasheet should also be considered.
8.
8.
8.
8. Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
LED
Detector
Characteristics
Input forward voltage
Input reverse current
Input capacitance
OFF-state current
Output capacitance
Symbol
VF
IR
Ct
IOFF
COFF
Note
Test Condition
IF = 10 mA
VR = 5 V
V = 0 V, f = 1 MHz
VOFF = 60 V
V = 0 V, f = 1 MHz
Min
1.1
Typ.
1.27
30
0.0001
130
Max
1.4
10
1
Unit
V
µA
pF
µA
pF
2016-04-22
Rev.1.0
©2016 Toshiba Corporation



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com