Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3445M/NOPB Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # LM3445M/NOPB
Description  TRIAC Dimmable Offline LED Driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3445M/NOPB Datasheet(HTML) 31 Page - Texas Instruments

Back Button LM3445M/NOPB Datasheet HTML 27Page - Texas Instruments LM3445M/NOPB Datasheet HTML 28Page - Texas Instruments LM3445M/NOPB Datasheet HTML 29Page - Texas Instruments LM3445M/NOPB Datasheet HTML 30Page - Texas Instruments LM3445M/NOPB Datasheet HTML 31Page - Texas Instruments LM3445M/NOPB Datasheet HTML 32Page - Texas Instruments LM3445M/NOPB Datasheet HTML 33Page - Texas Instruments LM3445M/NOPB Datasheet HTML 34Page - Texas Instruments LM3445M/NOPB Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
dv
i = C dt
LM3445
www.ti.com
SNVS570M – JANUARY 2009 – REVISED NOVEMBER 2015
Typical Application (continued)
13.
Calculate valley-fill capacitor values: VAC low line = 90 VAC, VBUCK minimum equals 60 V (no TRIAC
dimming at maximum LED current). Set droop for 20 V maximum at full load and low line.
where
•
i equals POUT / VBUCK (270 mA).
•
dV equals 20 V.
•
dt equals 2.77 ms.
•
CTOTAL equals 37 µF.
Therefore C7 = C9 = 22 µF.
(43)
Table 1. Bill of Materials
QTY
REF DES
DESCRIPTION
MANUFACTURER
MANUFACTURER PN
1
U1
IC, CTRLR, DRVR-LED, VSSOP10
TI
LM3445MM
1
BR1
Bridge Rectifiier, SMT, 400 V, 800 mA
DiodesInc
HD04-T
1
L1
Common mode filter DIP4NS, 900 mA, 700 µH
Panasonic
ELF-11090E
1
L2
Inductor, SHLD, SMT, 1 A, 470 µH
Coilcraft
MSS1260-474-KLB
2
L3, L4
Diff mode inductor, 500 mA 1 mH
Coilcraft
MSS1260-105KL-KLB
1
L5
Bead Inductor, 160
Ω, 6A
Steward
HI1206T161R-10
3
C1, C2, C15
Cap, Film, X2Y2, 12.5 MM, 250 VAC, 20%, 10
Panasonic
ECQ-U2A103ML
nF
1
C3
Cap, X7R, 0603, 16 V, 10%, 470 nF
MuRata
GRM188R71C474KA88D
1
C4
Cap, X7R, 0603, 16 V, 10%, 100 nF
MuRata
GRM188R71C104KA01D
2
C5, C6
Cap, X5R, 1210, 25 V, 10%, 22 µF
MuRata
GRM32ER61E226KE15L
2
C7, C9
Cap, AL, 200 V, 105C, 20%, 33 µF
UCC
EKXG201ELL330MK20S
1
C10
Cap, Film, 250 V, 5%, 10 nF
Epcos
B32521C3103J
1
C12
Cap, X7R, 1206, 50 V, 10%, 1.0 uF
Kemet
C1206F105K5RACTU
1
C11
Cap, C0G, 0603, 100 V, 5%, 120 pF
MuRata
GRM1885C2A121JA01D
1
C13
Cap, X7R, 0603, 50 V, 10%, 1.0 nF
Kemet
C0603C102K5RACTU
1
C14
Cap, X7R, 0603, 50 V, 10%, 22 nF
Kemet
C0603C223K5RACTU
1
D1
Diode, ZNR, SOT23, 15 V, 5%
OnSemi
BZX84C15LT1G
2
D2, D13
Diode, SCH, SOD123, 40 V, 120 mA
NXP
BAS40H
4
D3, D4, D8, D9
Diode, FR, SOD123, 200 V, 1A
Rohm
RF071M2S
1
D10
Diode, FR, SMB, 400 V, 1A
OnSemi
MURS140T3G
1
D11
IC, SHNT, ADJ, SOT23, 2.5 V, 0.5%
TI
TL431BIDBZR
1
D12
TVS, VBR = 209 V
LittleFuse
P6SMB220CA
1
R1
Resistor, 0603, 1%, 280 k
Ω
Panasonic
ERJ-3EKF2803V
1
R2
Resistor, 1206, 1%, 100 k
Ω
Panasonic
ERJ-8ENF1003V
1
R3
Resistor, 1210, 5%, 1.8
Ω
Panasonic
ERJ-14RQJ1R8U
1
R4
Resistor, 0603, 1%, 576 k
Ω
Panasonic
ERJ-3EKF5763V
1
R5
Resistor, 1206, 1%, 1.00 k
Ω
Panasonic
ERJ-8ENF1001V
2
R6, R7
Resistor, 0805, 1%, 1.00 M
Ω
Rohm
MCR10EZHF1004
2
R8, R10
Resistor, 1206, 0.0
Ω
Yageo
RC1206JR-070RL
1
R9
Resistor, 1812, 0.0
Ω
1
R11
Resistor, 0603, 0.0
Ω
Yageo
RC0603JR-070RL
1
R12
Resistor, 0603, 1%, 33.2 k
Ω
Panasonic
ERJ-3EKF3322V
1
R13
Resistor, 0603, 1%, 2.0 k
Ω
Panasonic
ERJ-3EKF2001V
1
R14
Resistor, 0805, 1%, 3.3 M
Ω
Rohm
MCR10EZHF3304
1
RT1
Thermistor, 120 V, 1.1A, 50
Ω at 25°C
Thermometrics
CL-140
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: LM3445



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com