Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3445M/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3445M/NOPB
Description  TRIAC Dimmable Offline LED Driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3445M/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM3445M/NOPB Datasheet HTML 1Page - Texas Instruments LM3445M/NOPB Datasheet HTML 2Page - Texas Instruments LM3445M/NOPB Datasheet HTML 3Page - Texas Instruments LM3445M/NOPB Datasheet HTML 4Page - Texas Instruments LM3445M/NOPB Datasheet HTML 5Page - Texas Instruments LM3445M/NOPB Datasheet HTML 6Page - Texas Instruments LM3445M/NOPB Datasheet HTML 7Page - Texas Instruments LM3445M/NOPB Datasheet HTML 8Page - Texas Instruments LM3445M/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
ICOLL
V+
BR1
VAC
TRIAC
DIMMER
+
+
1
2
3
4
5
6
7
8
9
10
-
VLED
GND
VCC
FLTR2
ASNS
FLTR1
ISNS
GATE
BLDR
COFF
DIM
LM3445MM
VLED-
D3
C7
C9
C10
D4
D8
D9
R2
D1
Q1
C5
R5
C12
D2
D10
Q2
L2
Q3
R3
R4
C11
C4
C3
R1
U1
VBUCK
LINE VOLTAGE (VAC)
95.0
90.0
85.0
80.0
75.0
80
90
100
110
120
130
140
14 Series connected LEDs
10 Series connected LEDs
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
LM3445
SNVS570M – JANUARY 2009 – REVISED NOVEMBER 2015
LM3445 TRIAC Dimmable Offline LED Driver
1 Features
3 Description
The LM3445 is an adaptive constant off-time AC/DC
1
•
TRIAC Dim Decoder Circuit for LED Dimming
buck (step-down) constant current controller designed
•
Application Voltage Range 80 VAC to 277 VAC
to be compatible with TRIAC dimmers. The LM3445
•
Capable of Controlling LED Currents Greater
provides a constant current for illuminating high
Than 1 A
power LEDs and includes a TRIAC dim decoder. The
dim decoder allows wide range LED dimming using
•
Adjustable Switching Frequency
standard
TRIAC
dimmers.
The
high
frequency
•
Low Quiescent Current
capable architecture allows the use of small external
•
Adaptive Programmable Off-Time Allows for
passive components. The LM3445 includes a bleeder
Constant Ripple Current
circuit to ensure proper TRIAC operation by allowing
current flow while the line voltage is low to enable
•
Thermal Shutdown
proper firing of the TRIAC. A passive PFC circuit
•
No 120-Hz Flicker
ensures good power factor by drawing current directly
•
Low Profile 10-Pin VSSOP Package or 14-Pin
from the line for most of the cycle, and provides a
SOIC
constant positive voltage to the buck regulator.
Additional features include thermal shutdown, current
•
Patented Drive Architecture
limit and VCC under-voltage lockout.
2 Applications
Device Information(1)
•
Retro Fit TRIAC Dimming
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Solid State Lighting
VSSOP (10)
3.00 mm × 3.00 mm
LM3445
•
Industrial and Commercial Lighting
SOIC (14)
3.91 mm × 8.65 mm
•
Residential Lighting
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical LM3445 LED Driver Application Circuit
Efficiency vs Line Voltage
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM3445M/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3445M/NOPB TI2-LM3445M/NOPB Datasheet
1Mb / 46P
LM3445 TRIAC Dimmable Offline LED Driver
REVISED NOVEMBER 2015
LM3445M/NOPB.A TI2-LM3445M/NOPB.A Datasheet
1Mb / 46P
LM3445 TRIAC Dimmable Offline LED Driver
REVISED NOVEMBER 2015
LM3445M/NOPB.B TI2-LM3445M/NOPB.B Datasheet
1Mb / 46P
LM3445 TRIAC Dimmable Offline LED Driver
REVISED NOVEMBER 2015
More results

Similar Description - LM3445M/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
Triac Dimmable Offline LED Driver
LM3445 NSC-LM3445_10 Datasheet
1Mb / 26P
Triac Dimmable Offline LED Driver
logo
Cirrus Logic
CS1610 APEX-CS1610 Datasheet
274Kb / 17P
TRIAC Dimmable LED Driver IC
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
Triac Dimmable Offline LED Driver
LM3445 TI1-LM3445_14 Datasheet
1Mb / 37P
Triac Dimmable Offline LED Driver
logo
Global Mixed-mode Techn...
G5345 GMT-G5345 Datasheet
58Kb / 1P
Triac Dimmable Offline LED Driver
logo
Diodes Incorporated
AL1696 DIODES-AL1696 Datasheet
395Kb / 14P
HIGHLY INTEGRATION OFFLINE DIMMABLE LED DRIVER
Rev 1
logo
Cirrus Logic
CS1610A CIRRUS-CS1610A Datasheet
264Kb / 18P
TRIAC Dimmable LED Driver IC
logo
Diodes Incorporated
AL1692K DIODES-AL1692K Datasheet
977Kb / 14P
TRIAC DIMMABLE LED DRIVER
Rev. 2 - 2 December 2022
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com