Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3445M/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM3445M/NOPB
Description  TRIAC Dimmable Offline LED Driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3445M/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM3445M/NOPB Datasheet HTML 1Page - Texas Instruments LM3445M/NOPB Datasheet HTML 2Page - Texas Instruments LM3445M/NOPB Datasheet HTML 3Page - Texas Instruments LM3445M/NOPB Datasheet HTML 4Page - Texas Instruments LM3445M/NOPB Datasheet HTML 5Page - Texas Instruments LM3445M/NOPB Datasheet HTML 6Page - Texas Instruments LM3445M/NOPB Datasheet HTML 7Page - Texas Instruments LM3445M/NOPB Datasheet HTML 8Page - Texas Instruments LM3445M/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
LM3445
SNVS570M – JANUARY 2009 – REVISED NOVEMBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
See
(1) (2) (3)
MIN
MAX
UNIT
BLDR to GND
–0.3
17
V
VCC, GATE, FLTR1 to GND
–0.3
14
V
ISNS to GND
–0.3
2.5
V
ASNS, DIM, FLTR2, COFF to GND
–0.3
7
V
COFF Input Current
100
mA
Continuous Power Dissipation(4)
Internally Limited
Junction Temperature (TJ-MAX)
150
°C
Storage Temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
All voltages are with respect to the potential at the GND pin, unless otherwise specified.
(4)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 165°C (typ.) and
disengages at +TJ = 145°C (typ).
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)(2)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±1000
C101(3)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
Human Body Model, applicable std. JESD22-A114-C.
(3)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
VCC
8
12
V
Junction Temperature
–40
125
°C
6.4 Thermal Information
LM3445
THERMAL METRIC(1)
DGS (VSSOP)
D (SOIC)
UNIT
10 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
159
82.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
54.5
40.2
°C/W
RθJB
Junction-to-board thermal resistance
78.7
37.5
°C/W
ψJT
Junction-to-top characterization parameter
5.3
6.4
°C/W
ψJB
Junction-to-board characterization parameter
77.5
37.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: LM3445



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com