Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A89 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # A89
Description  Cascadable Amplifier 100 to 800 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

A89 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  A89 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. A89 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. A89 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Cascadable Amplifier
100 to 800 MHz
Rev. V3
A89 / SMA89
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Electrical Specifications: Z0 = 50, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC -54º to +85ºC*
Frequency
MHz
50-800
100-800
100-800
Small Signal Gain (min)
dB
22.0
21.0
20.5
Gain Flatness (max)
dB
±0.5
±0.8
±1.0
Reverse Isolation
dB
29
Noise Figure (max)
dB
4.5
5.5
6.0
Power Output
@ 1 dB comp. (min)
dBm
17.5
16.5
16.0
IP3
dBm
+30
IP2
dBm
+35
Second Order Harmonic IP
dBm
+42
VSWR Input / Output (max)
1.4:1 / 1.4:1
2.0:1 / 2.0:1
2.2:1 / 2.2:1
DC Current @ 15 Volts (max)
mA
42
48
50
Features
 HIGH REVERSE ISOLATION: >29 dB (TYP.)
 LOW INPUT VSWR: 1.4:1 (TYP.)
 HIGH LEVEL OUTPUT: +17.5 dBm (TYP.)
Description
The A89 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for accurate performance
and high reliability.
The 2 stage silicon bipolar feedback amplifier design displays
impressive performance over a broadband frequency range.
An isolation transformer is used in the feedback loop, with the
benefit of high reverse isolation.
Both TO-8 and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is available
.
Product Image
Ordering Information
Part Number
Package
A89
TO-8
SMA89
Surface Mount
CA89 **
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
+125ºC
DC Voltage
+17 V
Continuous Input Power
+13 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
+125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
144ºC/W
Transistor Power Dissipation Pd
0.396 W
Junction Temperature Rise
Above Case Tjc
57ºC
* Over temperature performance limits for part number CA89, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Similar Part No. - A89

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A89 MACOM-A89 Datasheet
113Kb / 1P
100 TO 800 MHz CASCADABLE AMPLIFIER
A89 MACOM-A89 Datasheet
387Kb / 2P
Cascadable Amplifier 100 to 800 MHz
logo
M/A-COM Technology Solu...
A89 MA-COM-A89 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 800 MHz
A89-SMA89 MA-COM-A89-SMA89 Datasheet
1Mb / 2P
Cascadable Amplifier
logo
Allegro MicroSystems
A8902 ALLEGRO-A8902 Datasheet
156Kb / 12P
3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
More results

Similar Description - A89

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A89 MACOM-A89 Datasheet
113Kb / 1P
100 TO 800 MHz CASCADABLE AMPLIFIER
A67 MACOM-A67 Datasheet
359Kb / 2P
Cascadable Amplifier 10 to 800 MHz
A89 MACOM-A89_1 Datasheet
387Kb / 2P
Cascadable Amplifier 100 to 800 MHz
logo
M/A-COM Technology Solu...
A67 MA-COM-A67 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 800 MHz
A89 MA-COM-A89 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 800 MHz
logo
Teledyne Technologies I...
AC829 TELEDYNE-AC829 Datasheet
176Kb / 2P
10 TO 800 MHz TO-8 CASCADABLE AMPLIFIER
AC848 TELEDYNE-AC848 Datasheet
178Kb / 2P
10 TO 800 MHz TO-8 CASCADABLE AMPLIFIER
AC986 TELEDYNE-AC986 Datasheet
174Kb / 2P
800 TO 900 MHz TO-8 CASCADABLE AMPLIFIER
AC4064 TELEDYNE-AC4064 Datasheet
185Kb / 2P
800 TO 4000 MHz TO-8 CASCADABLE AMPLIFIER
AC4066 TELEDYNE-AC4066 Datasheet
179Kb / 2P
800 TO 4000 MHz TO-8 CASCADABLE AMPLIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com