Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4AGSW1 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MA4AGSW1
Description  SPST Reflective AlGaAs PIN Diode Switch RoHS Compliant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4AGSW1 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MA4AGSW1_13 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4AGSW1_13 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4AGSW1_13 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4AGSW1_13 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4AGSW1_13 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4AGSW1_13 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4AGSW1_13 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or
information contained herein without notice.
SPST Reflective AlGaAs PIN Diode Switch
RoHS Compliant
M/A-COM Products
Rev. V3
MA4AGSW1
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
MA4AGSW1 Schematic with 2-18 GHz Bias Network
MA4AGSW1
39 pF
DC Bias
22 nH
J2
J1
22 pF
22 pF
Operation of the MA4AGSW1 Switch
The application of 0V or a negative DC voltage to either J1 or J2 provides insertion loss for the MA4AGSW1
SPST reflective switch. Isolation is achieved with +10 mA total D.C. current. The forward bias voltage at the
diode bias node is typically 1.4 volts for supply currents up to +30 mA and will not exceed 1.6 volts. The
backside area of the die is the RF and DC return ground plane. The bias network design should yield >30 dB
RF to DC isolation.
Best insertion loss, P1dB, IP3, and switching speed are achieved by applying a minimum value of | -2V | at
the D.C. bias node. This may be achieved using a standard, 5V, TTL controlled, PIN diode driver.
Backside of chip is
DC and RF GND



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com