Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4AGSW1 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA4AGSW1
Description  SPST Reflective AlGaAs PIN Diode Switch RoHS Compliant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4AGSW1 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA4AGSW1_13 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4AGSW1_13 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4AGSW1_13 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4AGSW1_13 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4AGSW1_13 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4AGSW1_13 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4AGSW1_13 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or
information contained herein without notice.
SPST Reflective AlGaAs PIN Diode Switch
RoHS Compliant
M/A-COM Products
Rev. V3
MA4AGSW1
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
TYPICAL DRIVER CONNECTIONS
CONTROL LEVEL (DC CURRENT)
RF OUTPUT STATE
J1 or J2
J1-J2
-5V
Low Loss
+10mA
Isolation
Electrical Specifications @ TAMB = 25°C
(On-wafer measurements)
*Note:
Typical switching speed is measured from 10% to 90% of the detected RF voltage driven by a TTL
compatible driver. Driver output parallel RC network uses a capacitor between 390 pF - 560 pF and
a resistor between 150 - 220 Ohms to achieve 10 ns rise and fall times.
UNITS
INSERTION LOSS @ -5V
0.05 - 18GHz
---
0.2
0.3
dB
18 - 50GHz
---
0.3
0.6
dB
PARAMETER
FREQUENCY BAND
MIN
TYP
MAX
UNITS
INSERTION LOSS @ -5V
0.05 - 18GHz
---
0.2
0.3
dB
18 - 50GHz
---
0.3
0.6
dB
ISOLATION @ +10mA
0.05 - 18GHz
20
22
---
dB
18 - 50GHz
40
46
---
dB
INPUT RETURN LOSS @ -5V
0.05 - 18GHz
---
30
---
dB
18 - 50GHz
---
16
---
dB
OUTPUT RETURN LOSS @ -5V
0.05 - 18GHz
---
30
---
dB
18 - 50GHz
---
16
---
dB
SWITCHING SPEED*
( 10 % - 90 % RF VOLTAGE )
10GHZ
---
10
---
nS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com