Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4AGSW1 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA4AGSW1
Description  SPST Reflective AlGaAs PIN Diode Switch RoHS Compliant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4AGSW1 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA4AGSW1_13 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4AGSW1_13 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4AGSW1_13 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4AGSW1_13 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4AGSW1_13 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4AGSW1_13 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4AGSW1_13 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
SPST Reflective AlGaAs PIN Diode Switch
RoHS Compliant
M/A-COM Products
MA4AGSW1
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
FEATURES
♦ Ultra Broad Bandwidth: 50 MHz to 50 GHz
♦ Functional Bandwidth : 50 MHz to 70 GHz
♦ 0.3 dB Insertion Loss,
♦ 46 dB Isolation at 50 GHz
♦ Low Current consumption.
• -5V for low loss state
•+10mA for Isolation state
♦ M/A-COM’s unique AlGaAs hetero-junction
anode technology.
♦ Silicon Nitride Passivation
♦ Polymer Scratch protection
DESCRIPTION
M/A-COM Tech’s MA4AGSW1 is an Aluminum-
Gallium-Arsenide, single pole, single throw (SPST),
PIN diode switch. The switch features enhanced Al-
GaAs anodes which are formed using M/A-COM
Tech’s patented hetero-junction technology. This
technology produces a switch with less loss than
conventional AlGaAs processes. As much as a 0.3
dB reduction in insertion loss can be realized at
50GHz. The fabrication process is designed for high
device uniformity and extremely low parasitics. The
diodes themselves exhibit low series resistance, low
capacitance, and fast switching speed. They are fully
passivated with silicon nitride and have an additional
polymer layer for scratch protection. The protective
coating prevents damage to the diode junction and
anode air-bridges during handling and assembly. Off
chip bias circuitry is required.
APPLICATIONS
The high electron mobility of AlGaAs and the low
capacitance of the PIN diodes makes this switch
ideal for fast switching, high frequency, multi-throw
switch designs. These versatile AlGaAs PIN
switches can be used in a variety of microwave
applications such as switching arrays for radar
systems, radiometers, test equipment and other
multi-assembly components.
Yellow areas indicate bond pads
J1
J2
Absolute Maximum Ratings @ TAMB = +25°C
Parameter
Maximum Rating
Operating Temperature
-55°C to +125°C
Storage Temperature
-55°C to +150°C
Incident C.W. RF Power
+30dBm CW
Breakdown Voltage
25V
Bias Current
± 25mA
Assembly Temperature
+300°C < 10 sec
Junction Temperature
+175°C


Similar Part No. - MA4AGSW1_13

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4AGSW1A MACOM-MA4AGSW1A Datasheet
243Kb / 15P
AlGaAs SPST Non-Reflective PIN Diode Switch
logo
M/A-COM Technology Solu...
MA4AGSW1A MA-COM-MA4AGSW1A Datasheet
137Kb / 7P
SPST Non-Reflective AlGaAs PIN Diode Switch
MA4AGSW1A MA-COM-MA4AGSW1A Datasheet
177Kb / 7P
SPST Non-Reflective AlGaAs PIN Diode Switch
MA4AGSW1A MA-COM-MA4AGSW1A_15 Datasheet
593Kb / 8P
SPST Non-Reflective AlGaAs PIN Diode Switch
MA4AGSW1A_V5 MA-COM-MA4AGSW1A_V5 Datasheet
177Kb / 7P
SPST Non-Reflective AlGaAs PIN Diode Switch
More results

Similar Description - MA4AGSW1_13

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4AGSW1A MACOM-MA4AGSW1A Datasheet
243Kb / 15P
AlGaAs SPST Non-Reflective PIN Diode Switch
MA4AGSW1 MACOM-MA4AGSW1 Datasheet
178Kb / 6P
AlGaAs SPST Reflective PIN Diode Switch
logo
M/A-COM Technology Solu...
MA4AGSW1 MA-COM-MA4AGSW1 Datasheet
136Kb / 7P
SPST Reflective AlGaAs PIN Diode Switch
MA4AGSW1A MA-COM-MA4AGSW1A Datasheet
137Kb / 7P
SPST Non-Reflective AlGaAs PIN Diode Switch
MA4AGSW2 MA-COM-MA4AGSW2 Datasheet
109Kb / 7P
SPDT AlGaAs PIN Diode Switch RoHS Compliant
MA4AGSW4 MA-COM-MA4AGSW4 Datasheet
118Kb / 7P
SP4T AlGaAs PIN Diode Switch RoHS Compliant
MA4AGSW8-1 MA-COM-MA4AGSW8-1 Datasheet
126Kb / 6P
SP8T AlGaAs PIN Diode Switch RoHS Compliant
MA4AGSW1_V5 MA-COM-MA4AGSW1_V5 Datasheet
121Kb / 7P
SPST Reflective AlGaAs PIN Diode Switch
MA4AGSW1A_V5 MA-COM-MA4AGSW1A_V5 Datasheet
177Kb / 7P
SPST Non-Reflective AlGaAs PIN Diode Switch
MA4AGSW1A MA-COM-MA4AGSW1A_15 Datasheet
593Kb / 8P
SPST Non-Reflective AlGaAs PIN Diode Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com