Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC370LP4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC370LP4
Description  SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 14.4 - 16.4 GHz OUTPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC370LP4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC370LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC370LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC370LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC370LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC370LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC370LP4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
11 - 46
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
11
HMC370LP4
SMT GaAs HBT MMIC x4 ACTIVE
FREQUENCY MULTIPLIER, 14.4 - 16.4 GHz OUTPUT
v01.0604
General Description
Features
Functional Diagram
Electrical Specifications, T
A = +25° C, Vcc= 5.0V
Typical Applications
Active Multiplier for Ku Band Applications:
• Pt to Pt & VSAT Radios
• Fiber Optic
• Military
The HMC370LP4 is an active miniature x4 frequency
multiplier utilizing InGaP GaAs HBT technology in a
4 mm x 4 mm leadless surface mount package.
Power output is 0 dBm typical from a 5.0V supply
voltage and varies little vs. input power, temperature
and supply voltage. Suppression of undesired
fundamental and sub-harmonics is >22 dBc typical
with respect to output signal level. The low additive
SSB phase noise of -140 dBc/Hz at 100 kHz
offset helps the user maintain good system noise
performance. The HMC370LP4 is ideal for use in
LO multiplier chains allowing reduced parts count
vs. traditional approaches.
Output Power: 0 dBm
Sub-Harmonic Suppression: >22 dBc
SSB Phase Noise: -140 dBc/Hz
Single Supply: 5V@ 55 mA
16 mm2 Leadless SMT Package
Parameter
Min.
Typ.
Max.
Units
Frequency Range, Input
3.6 - 4.1
GHz
Frequency Range, Output
14.4 - 16.4
GHz
Input Power Range
-15
+5
dBm
Output Power
-4
0
dBm
Sub-Harmonic Suppression
22
dBc
Input Return Loss
18
dB
Output Return Loss
7dB
SSB Phase Noise (100 kHz Offset)
Pin= 0 dBm
-140
dBc/Hz
Supply Current (Icc)
55
mA


Similar Part No. - HMC370LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC370LP4 HITTITE-HMC370LP4 Datasheet
250Kb / 6P
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 14.4 - 16.4 GHz OUTPUT
HMC370LP4 HITTITE-HMC370LP4 Datasheet
627Kb / 6P
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 14.4 - 16.4 GHz OUTPUT
logo
Analog Devices
HMC370LP4 AD-HMC370LP4 Datasheet
364Kb / 6P
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 14.4 - 16.4 GHz OUTPUT
logo
Hittite Microwave Corpo...
HMC370LP4E HITTITE-HMC370LP4E Datasheet
250Kb / 6P
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 14.4 - 16.4 GHz OUTPUT
logo
Analog Devices
HMC370LP4E AD-HMC370LP4E Datasheet
364Kb / 6P
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 14.4 - 16.4 GHz OUTPUT
More results

Similar Description - HMC370LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC443LP4 HITTITE-HMC443LP4 Datasheet
251Kb / 6P
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 9.8 - 11.2 GHz OUTPUT
HMC370LP4 HITTITE-HMC370LP4_07 Datasheet
627Kb / 6P
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 14.4 - 16.4 GHz OUTPUT
HMC443LP4 HITTITE-HMC443LP4_07 Datasheet
631Kb / 6P
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 9.8 - 11.2 GHz OUTPUT
HMC695LP4 HITTITE-HMC695LP4 Datasheet
256Kb / 6P
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 11.4 - 13.2 GHz OUTPUT
HMC370LP4 HITTITE-HMC370LP4_10 Datasheet
250Kb / 6P
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 14.4 - 16.4 GHz OUTPUT
HMC443LP4 HITTITE-HMC443LP4_10 Datasheet
251Kb / 6P
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 9.8 - 11.2 GHz OUTPUT
HMC695LP4 HITTITE-HMC695LP4_10 Datasheet
533Kb / 6P
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 11.4 - 13.2 GHz OUTPUT
HMC-XDH158 HITTITE-HMC-XDH158_09 Datasheet
192Kb / 4P
GaAs MMIC X4 ACTIVE FREQUENCY MULTIPLIER, 54 - 64 GHz OUTPUT
logo
Analog Devices
HMC695LP4 AD-HMC695LP4 Datasheet
428Kb / 6P
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER
HMC370LP4 AD-HMC370LP4 Datasheet
364Kb / 6P
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 14.4 - 16.4 GHz OUTPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com