Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC370LP4 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC370LP4
Description  SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 14.4 - 16.4 GHz OUTPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC370LP4 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC370LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC370LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC370LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC370LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC370LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC370LP4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MICROWAVE CORPORATION
11 - 48
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
11
HMC370LP4
v01.0604
-60
-50
-40
-30
-20
-10
0
10
0
2
4
6
8
10
1214
1618
20
2224
26
FREQUENCY (GHz)
Output Spectrum
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
2
10
3
10
4
10
5
10
6
10
7
Pin= 0dBm
Pin= -10dBm
OFFSET FREQUENCY (Hz)
SSB Phase Noise
Performance, Fout= 15.0 GHz
SMT GaAs HBT MMIC x4 ACTIVE
FREQUENCY MULTIPLIER, 14.4 - 16.4 GHz OUTPUT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com