Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC370LP4 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC370LP4
Description  SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 14.4 - 16.4 GHz OUTPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC370LP4 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC370LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC370LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC370LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC370LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC370LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC370LP4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MICROWAVE CORPORATION
11 - 47
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
11
-6
-5
-4
-3
-2
-1
0
1
2
3
4
14
14.4
14.8
15.2
15.6
16
16.4
16.8
+25 C
+85 C
-40 C
OUTPUT FREQUENCY (GHz)
-6
-5
-4
-3
-2
-1
0
1
2
3
4
14
14.4
14.8
15.2
15.6
16
16.4
16.8
-20 dBm
-15 dBm
-10 dBm
-5 dBm
0 dBm
+5 dBm
OUTPUT FREQUENCY (GHz)
-6
-5
-4
-3
-2
-1
0
1
2
3
4
14
14.4
14.8
15.2
15.6
16
16.4
16.8
Vcc=4.5V
Vcc=5.0V
Vcc=5.5V
OUTPUT FREQUENCY (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
01
234
5
6
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
8
9
10
11
12
13
14
15
16
17
18
+25 C
+85 C
-40 C
FREQUENCY (GHz)
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER 17 - 25 GHz
HMC370LP4
Output Power vs.
Temperature @ -10 dBm Drive Level
Output Power vs.
Supply Voltage @ -10 dBm Drive Level
Output Power vs. Drive Level
Input Return Loss vs. Temperature
Output Return Loss vs. Temperature
v01.0604
SMT GaAs HBT MMIC x4 ACTIVE
FREQUENCY MULTIPLIER, 14.4 - 16.4 GHz OUTPUT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com