Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC08100 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC08100
Description  8-Bit, 20 MSPS to 100 MSPS, 1.3 mW/MSPS A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08100 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button ADC08100 Datasheet HTML 9Page - National Semiconductor (TI) ADC08100 Datasheet HTML 10Page - National Semiconductor (TI) ADC08100 Datasheet HTML 11Page - National Semiconductor (TI) ADC08100 Datasheet HTML 12Page - National Semiconductor (TI) ADC08100 Datasheet HTML 13Page - National Semiconductor (TI) ADC08100 Datasheet HTML 14Page - National Semiconductor (TI) ADC08100 Datasheet HTML 15Page - National Semiconductor (TI) ADC08100 Datasheet HTML 16Page - National Semiconductor (TI) ADC08100 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Timing Diagram
Functional Description
The ADC08100 uses a new, unique architecture that
achieves over 7 effective bits at input frequencies up to and
beyond 50 MHz.
The analog input signal that is within the voltage range set by
V
RT and VRB is digitized to eight bits. Input voltages below
V
RB will cause the output word to consist of all zeroes. Input
voltages above V
RB will cause the output word to consist of
all ones.
Incorporating a switched capacitor bandgap, the ADC08100
exhibits a power consumption that is proportional to fre-
quency, limiting power consumption to what is needed at the
clock rate that is used. This and its excellent performance
over a wide range of clock frequencies makes it an ideal
choice as a single ADC for many 8-bit needs.
Data is acquired at the falling edge of the clock and the
digital equivalent of that data is available at the digital out-
puts 2.5 clock cycles plus t
OD later. The ADC08100 will
convert as long as the clock signal is present. The device is
in the active state when the Power Down pin (PD) is low.
When the PD pin is high, the device is in the power down
mode, where the output pins hold the last conversion before
the PD pin went high and the device consumes just 1 mW.
Applications Information
1.0 REFERENCE INPUTS
The reference inputs V
RT and VRB are the top and bottom of
the reference ladder, respectively. Input signals between
these two voltages will be digitized to 8 bits. External volt-
ages applied to the reference input pins should be within the
range specified in the Operating Ratings table (1.0V to (V
A +
0.1V) for V
RT and −100 mV to (VRT − 1.0V) for VRB). Any
device used to drive the reference pins should be able to
source sufficient current into the V
RT pin and sink sufficient
current from the V
RB pin.
10137131
FIGURE 1. ADC08100 Timing Diagram
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com