Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC08100 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC08100
Description  8-Bit, 20 MSPS to 100 MSPS, 1.3 mW/MSPS A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08100 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC08100 Datasheet HTML 1Page - National Semiconductor (TI) ADC08100 Datasheet HTML 2Page - National Semiconductor (TI) ADC08100 Datasheet HTML 3Page - National Semiconductor (TI) ADC08100 Datasheet HTML 4Page - National Semiconductor (TI) ADC08100 Datasheet HTML 5Page - National Semiconductor (TI) ADC08100 Datasheet HTML 6Page - National Semiconductor (TI) ADC08100 Datasheet HTML 7Page - National Semiconductor (TI) ADC08100 Datasheet HTML 8Page - National Semiconductor (TI) ADC08100 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
ADC08100
8-Bit, 20 MSPS to 100 MSPS, 1.3 mW/MSPS A/D
Converter
General Description
The ADC08100 is a low-power, 8-bit, monolithic analog-to-
digital converter with an on-chip track-and-hold circuit. Opti-
mized for low cost, low power, small size and ease of use,
this product operates at conversion rates of 20 MSPS to
100 MSPS with outstanding dynamic performance over its
full operating range while consuming just 1.3 mW per MHz of
clock frequency. That’s just 130 mW of power at 100 MSPS.
Raising the PD pin puts the ADC08100 into a Power Down
mode where it consumes just 1 mW.
The unique architecture achieves 7.4 Effective Bits with
41 MHz input frequency. The excellent DC and AC charac-
teristics of this device, together with its low power consump-
tion and single +3V supply operation, make it ideally suited
for many imaging and communications applications, includ-
ing use in portable equipment. Furthermore, the ADC08100
is resistant to latch-up and the outputs are short-circuit proof.
The top and bottom of the ADC08100’s reference ladder are
available for connections, enabling a wide range of input
possibilities. The digital outputs are TTL/CMOS compatible
with a separate output power supply pin to support interfac-
ing with 3V or 2.5V logic. The digital inputs (CLK and PD) are
TTL/CMOS compatible.
The ADC08100 is offered in a 24-lead plastic package
(TSSOP) and is specified over the industrial temperature
range of −40˚C to +85˚C.
Features
n
Single-ended input
n
Internal sample-and-hold function
n
Low voltage (single +3V) operation
n
Small package
n
Power-down feature
Key Specifications
n
Resolution
8 bits
n
Maximum sampling frequency
100 MSPS (min)
n
DNL
0.4 LSB (typ)
n
ENOB
7.4 bits (typ) at f
IN =41MHz
n
THD
−60 dB (typ)
n
Guaranteed no missing codes
n
Power consumption
— Operating:
1.3 mW/MSPS (typ)
— Power down:
1 mW (typ)
Applications
n
Flat panel displays
n
Projection systems
n
Set-top boxes
n
Battery-powered instruments
n
Communications
n
Medical scan converters
n
X-ray imaging
n
High speed viterbi decoders
n
Astronomy
Pin Configuration
10137101
December 2002
© 2002 National Semiconductor Corporation
DS101371
www.national.com


Similar Part No. - ADC08100

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08100 NSC-ADC08100 Datasheet
438Kb / 20P
8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
logo
Texas Instruments
ADC08100 TI1-ADC08100 Datasheet
1Mb / 28P
ADC08100 8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
ADC08100 TI2-ADC08100 Datasheet
919Kb / 30P
ADC08100 8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
REVISED MAY 2013
ADC08100 TI2-ADC08100 Datasheet
990Kb / 33P
High Performance Quad DVGA
DECEMBER 2012
logo
National Semiconductor ...
ADC081000 NSC-ADC081000 Datasheet
718Kb / 29P
High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
More results

Similar Description - ADC08100

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08060 NSC-ADC08060 Datasheet
539Kb / 19P
8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter
logo
Analog Devices
AD775 AD-AD775 Datasheet
332Kb / 12P
8-Bit 20 MSPS, 60 mW Sampling A/D Converter
REV.0
AD9283 AD-AD9283 Datasheet
155Kb / 12P
8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV.B
logo
National Semiconductor ...
ADC08200 NSC-ADC08200 Datasheet
905Kb / 19P
8-Bit, 20 MSPS to 200 MSPS, 1.05 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08060 NSC-ADC08060_08 Datasheet
443Kb / 20P
8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08100 NSC-ADC08100_08 Datasheet
438Kb / 20P
8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
logo
Texas Instruments
ADC08100 TI1-ADC08100_14 Datasheet
1Mb / 28P
ADC08100 8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
ADC08060 TI1-ADC08060_14 Datasheet
1Mb / 29P
8-Bit, 20 MSPS to 60 MSPS, 1.3 m W/MSPS A/D Converter with Internal Sampleand Hold
logo
Analog Devices
AD775 AD-AD775_15 Datasheet
336Kb / 12P
8-Bit 20 MSPS, 60 mW Sampling A/D Converter
REV. 0
logo
Texas Instruments
ADC08200 TI1-ADC08200 Datasheet
1Mb / 27P
8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com