Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC08100 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC08100
Description  8-Bit, 20 MSPS to 100 MSPS, 1.3 mW/MSPS A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08100 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  ADC08100 Datasheet HTML 1Page - National Semiconductor (TI) ADC08100 Datasheet HTML 2Page - National Semiconductor (TI) ADC08100 Datasheet HTML 3Page - National Semiconductor (TI) ADC08100 Datasheet HTML 4Page - National Semiconductor (TI) ADC08100 Datasheet HTML 5Page - National Semiconductor (TI) ADC08100 Datasheet HTML 6Page - National Semiconductor (TI) ADC08100 Datasheet HTML 7Page - National Semiconductor (TI) ADC08100 Datasheet HTML 8Page - National Semiconductor (TI) ADC08100 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Ordering Information
ADC08100CIMT
TSSOP
ADC08100CIMTX
TSSOP (tape and reel)
Block Diagram
10137102
Pin Descriptions and Equivalent Circuits
Pin No.
Symbol
Equivalent Circuit
Description
6V
IN
Analog signal input. Conversion range is V
RB to VRT.
3V
RT
Analog Input that is the high (top) side of the reference
ladder of the ADC. Nominal range is 1.0V to V
A. Voltage
on V
RT and VRB inputs define the VIN conversion range.
Bypass well. See Section 2.0 for more information.
9V
RM
Mid-point of the reference ladder. This pin should be
bypassed to a clean, quiet point in the analog ground
plane with a 0.1 µF capacitor.
10
V
RB
Analog Input that is the low side (bottom) of the
reference ladder of the ADC. Nominal range is 0.0V to
(V
RT – 1.0V). Voltage on VRT and VRB inputs define the
V
IN conversion range. Bypass well. See Section 2.0 for
more information.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com