Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC90104AFG Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TC90104AFG
Description  Multi System Video Decoder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC90104AFG Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC90104AFG Datasheet HTML 3Page - Toshiba Semiconductor TC90104AFG Datasheet HTML 4Page - Toshiba Semiconductor TC90104AFG Datasheet HTML 5Page - Toshiba Semiconductor TC90104AFG Datasheet HTML 6Page - Toshiba Semiconductor TC90104AFG Datasheet HTML 7Page - Toshiba Semiconductor TC90104AFG Datasheet HTML 8Page - Toshiba Semiconductor TC90104AFG Datasheet HTML 9Page - Toshiba Semiconductor TC90104AFG Datasheet HTML 10Page - Toshiba Semiconductor TC90104AFG Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Summary TC90104AFG
Page 7
Rev.1.00
2015/10/16
5.2.4
Typical input level of analog input signal
Fig.1 Reference input level to CVBS1(Composite Video) and CVBS2/Y/G(S-Video Y, Componet Y) when 100% White
(i.e., composite video input)
CVBS, Y, Component-Y signal need to input 0.7 Vpp when 140IRE, and also C signal (S-signal) need to input 0.2 Vpp
when 40IRE. (VDD = 2.5 V, 140IRE = 0.7 Vpp at NTSC )
When use Component-CbCr , CbCr-level is 0.7 Vpp for 100%.
An above waveform is color bar signal of 75%
Input terminal
Input level = Vp-p
*1
Output : LSB
*2
Notes
CVBS
0.7 Vp-p (500 mVp-p)
16-235 (for 8bit)
Output at 656/601 format
Y
0.7 Vp-p (500 mVp-p)
16-235 (for 8bit)
Output at 656/601 format
C
0.2 Vp-p (Burst signal)
31-225 (for 8bit)
Output at 656/601 format
Cb
0.7 Vp-p
31-225 (for 8bit)
Output at 656/601 format
Cr
0.7 Vp-p
31-225 (for 8bit)
Output at 656/601 format
*1
About input level,
It has indicate the case of NTSC.
CVBS and Y input level will be 140IRE at the White of 100%.
Please adjust to 0.7 V this 100%.
Values in the ( ) is the level of from the pedestal to white 100%.
Input level of C(= chroma signal) has indicate the burst level at the time of NTSC.
Input level of CbCr has indicate the level of color-100% at the time of NTSC.
*2
About output level,
It has indicate the case of NTSC.
CVBS and Y output level is white100% output level at the time of NTSC.
Values in the ( ) is the output level of from the pedestal to white 100%.
Output level of C(chroma signal) indicate the CbCr level at the time of color-100%.
Output level of CbCr indicate the level of color-100% at the time of NTSC.
Notes: The above output level is influenced by the picture quality adjustment of contrast, gain, ACC and others.
It does not indicate the maximum level.
100
-40
0
20
40
60
80
-20
256
51
767
0
1023
<IRE>
<Lsb>
AVDD×0.4V
0.7Vp-p
<LSB>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com