Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC90104AFG Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TC90104AFG
Description  Multi System Video Decoder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC90104AFG Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TC90104AFG Datasheet HTML 8Page - Toshiba Semiconductor TC90104AFG Datasheet HTML 9Page - Toshiba Semiconductor TC90104AFG Datasheet HTML 10Page - Toshiba Semiconductor TC90104AFG Datasheet HTML 11Page - Toshiba Semiconductor TC90104AFG Datasheet HTML 12Page - Toshiba Semiconductor TC90104AFG Datasheet HTML 13Page - Toshiba Semiconductor TC90104AFG Datasheet HTML 14Page - Toshiba Semiconductor TC90104AFG Datasheet HTML 15Page - Toshiba Semiconductor TC90104AFG Datasheet HTML 16Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Summary TC90104AFG
Page 13
Rev.1.00
2015/10/16
8.
Electrical characteristic
8.1
DC characteristic
(Ta = 25°C, 1.5 V system = 1.50 ± 0.1 V, 2.5 V system = 2.50 ± 0.2 V, 3.3 V system = 3.30 ± 0.3 V)
Characteristic
Terminal NO.
Symbol
Min
Typ.
Max
Unit
Note
Power
supply
current
10, 23, 37
IDD1 (1.5 V system)
-
46
70
mA
Depend on load at
3.3 V system.
1, 3, 6, 49, 58
IDD2 (2.5 V system)
-
82
125
mA
19, 26, 43
IDD3 (3.3 V system)
-
10
-
mA
Input
voltage
13, 46, 47, 48, 61,
62
VIH
VDD3x0.8
-
VDD3
V
I/O input terminal
of 3.3 V system
11, 12
I/O input terminal
of 5.0 V tlerant system
13, 46, 47, 48, 61,
62
VIL
VSS
-
VDD3x0.2
V
I/O input terminal
of 3.3 V system
11,12
I/O input terminal
of 5.0 V tlerant system
Input
current
13, 46, 47, 48, 61,
62
IIH
-10
-
10
μA
I/O input terminal
of 3.3 V system
11, 12
I/O input terminal
of 5.0 V tlerant system
13, 46, 47, 48, 61,
62
IIL
-10
-
10
μA
I/O input terminal
of 3.3 V system
11, 12
I/O input terminal
of 5.0 V tlerant system
Output
voltage
15, 16, 17, 18, 20,
21, 24, 25, 27, 28,
30, 31, 32, 33, 35,
36, 38, 39, 41, 42,
44, 45
VOH
VDD3-0.6
-
VDD3
V
I/O output terminal
of 3.3 V system
when
load current: -4 mA
VOL
VSS
-
0.4
V
I/O output terminal
of 3.3 V system
when
load current: +4 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com