Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC90104AFG Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TC90104AFG
Description  Multi System Video Decoder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC90104AFG Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TC90104AFG Datasheet HTML 5Page - Toshiba Semiconductor TC90104AFG Datasheet HTML 6Page - Toshiba Semiconductor TC90104AFG Datasheet HTML 7Page - Toshiba Semiconductor TC90104AFG Datasheet HTML 8Page - Toshiba Semiconductor TC90104AFG Datasheet HTML 9Page - Toshiba Semiconductor TC90104AFG Datasheet HTML 10Page - Toshiba Semiconductor TC90104AFG Datasheet HTML 11Page - Toshiba Semiconductor TC90104AFG Datasheet HTML 12Page - Toshiba Semiconductor TC90104AFG Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Summary TC90104AFG
Page 9
Rev.1.00
2015/10/16
5.2.5
Output format
The output format (ITU-R BT.656/601) is below.
Output signal
Bit
Data rate
Description
Y [0-7]
8
13.5 MHz/27 MHz
(ITU-R BT.601/656)
Y / YCbCr
(ITU-R BT.601/656)
C [0-7]
8
6.75 MHz
Cb / Cr (CLK: 13.5 MHz)
CLK
1
13.5 MHz/27 MHz
864fH/1728fH: 625 line system
858fH/1716fH: 525 line system
Polarity: negative (Initial setting)
HD
1
f H
Recovered horizontal sync signal
VD
1
f V
Recovered vertical sync signal
HD / VD pulse width in “Sync-through” mode
525i system
625i system
HD pulse width
4.74
μs
(128 cycle @ 27 MHz clock)
VD pulse width
3.0 H
2.5 H or 3.0 H
*Notes
The HD pulse width used in ITU-R BT.656-compliant mode is the same as the zone defined from EAV to SAV.
If a non-standard signal is input during ITU-R BT.656-compliant mode, then the values may not necessarily be the
values shown in the above chart.
The VD pulse is synchronized using the HD standard. As a result, if the H cycle jitters, then the VD width will also
jitter. Also, in Through mode, the phase with the HD will be off 0.5 H in ODD/EVEN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com