Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC415LP3 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC415LP3
Description  GaAs InGaP HBT MMIC POWER AMPLIFIER, 4.9 - 5.9 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC415LP3 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC415LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC415LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC415LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC415LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC415LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC415LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC415LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC415LP3 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MICROWAVE CORPORATION
8 - 191
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
HMC415LP3
GaAs InGaP HBT MMIC
POWER AMPLIFIER, 4.9 - 5.9 GHz
v02.0604
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
30
50
70
90
110
130
150
170
190
210
230
250
270
290
310
330
1.5
1.75
2
2.25
2.5
2.75
3
Gain
P1dB
Psat
Icc
Vpd (Vdc)
Gain, Power & Quiescent Supply Current
vs. Vpd @ 5.2 GHz
0
1
2
3
4
5
6
7
8
10
11
12
13
14
15
16
17
18
+25 C
+85 C
-40 C
OUTPUT POWER (dBm)
EVM vs. Temperature,
Icc = 240 mA, F = 5.2 GHz
0
1
2
3
4
5
6
7
8
10
11
12
13
14
15
16
17
18
Icc=160mA
Icc=200mA
Icc=240mA
Icc=280mA
OUTPUT POWER (dBm)
EVM vs. Supply Current,
F = 5.2 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com