Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC415LP3 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC415LP3
Description  GaAs InGaP HBT MMIC POWER AMPLIFIER, 4.9 - 5.9 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC415LP3 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC415LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC415LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC415LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC415LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC415LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC415LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC415LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC415LP3 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MICROWAVE CORPORATION
8 - 193
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
Pin Number
Function
Description
Interface Schematic
1
Vcc
Power supply voltage for the first amplifier stage. An external bypass
capacitor of 330 pF is required as shown in the application schematic.
2, 3, 5, 6, 7,
8, 9, 12, 13,
15, 16
GND
Ground: Backside of package has exposed metal ground slug that must be
connected to ground thru a short path. Vias under the device are required.
4
RF IN
This pin is AC coupled and matched to 50 Ohms from 5.0 to 6.0 GHz.
10, 11
RF OUT
RF output and DC bias for the output stage.
14
Vpd
Power control pin. For maximum power, this pin should be connected to
3.0V. A higher voltage is not recommemded. For lower idle current, this
voltage can be reduced.
HMC415LP3
GaAs InGaP HBT MMIC
POWER AMPLIFIER, 4.9 - 5.9 GHz
v02.0604
Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com