Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC415LP3 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC415LP3
Description  GaAs InGaP HBT MMIC POWER AMPLIFIER, 4.9 - 5.9 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC415LP3 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC415LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC415LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC415LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC415LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC415LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC415LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC415LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC415LP3 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MICROWAVE CORPORATION
8 - 190
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
0
4
8
12
16
20
24
28
32
36
-12 -10
-8
-6
-4
-2
0
2
4
6
8
10
12
Pout (dBm)
Gain (dB)
PAE (%)
INPUT POWER (dBm)
20
22
24
26
28
30
32
34
36
38
40
4.8
5
5.2
5.4
5.6
5.8
6
+25 C
+85 C
-40 C
FREQUENCY (GHz)
Power Compression @ 5.2 GHz
Output IP3 vs. Temperature
HMC415LP3
GaAs InGaP HBT MMIC
POWER AMPLIFIER, 4.9 - 5.9 GHz
v02.0604
0
1
2
3
4
5
6
7
8
9
10
4.8
5
5.2
5.4
5.6
5.8
6
+25 C
+85 C
-40 C
FREQUENCY (GHz)
Noise Figure vs. Temperature
Gain & Power vs. Supply Voltage
-50
-40
-30
-20
-10
0
4.8
5
5.2
5.4
5.6
5.8
6
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-50
-40
-30
-20
-10
0
4.8
5
5.2
5.4
5.6
5.8
6
+25 C
+85 C
-40 C
FREQUENCY (GHz)
Reverse Isolation vs. Temperature
Power Down Isolation vs. Temperature
18
19
20
21
22
23
24
25
26
27
28
2.7
3
3.3
Gain
P1dB
Psat
Vcc Supply Voltage (Vdc)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com