Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6LC48C21 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6LC48C21
Description  Single Output LVCMOS Clock Generator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC48C21 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6LC48C21 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC48C21 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC48C21 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC48C21 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC48C21 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC48C21 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
www.pericom.com
PI6LC48C21
Rev. B
08/04/15
PI6LC48C21
Pin Configuration
Block Diagram
Description
The PI6LC48C21 is a single LVCMOS output synthesizer opti-
mized to generate Ethernet reference clock frequencies and is a
member of Pericom’s HiFlex family of high performance clock
solutions. Using a 25MHz crystal, It can generate 125MHz with
very low phase jitter.
It is ideal for Ethernet interface in all kind of systems.
Features
Î
Î
Single LVCMOS output
Î
Î
Supports 125MHz or 130MHz output frequencies
Î
Î
RMS phase jitter @ 125MHz, using a 25MHz crystal
(1.875MHz – 20MHz): 0.15ps (typical)
Î
Î
RMS phase jitter @ 125MHz, using a 25MHz crystal
(12kHz – 20MHz): 0.33ps (typical)
Î
Î
Full 3.3V or 2.5V supply modes
Î
Î
Industrial ambient operating temperature
Î
Î
Available in lead-free package: 8-TSSOP
Applications
Î
Î
Networking systems
PFD
VCO
/25
OSC
XTAL_OUT
XTAL_IN
/5
CLK
OE
Single Output LVCMOS Clock Generator
1
2
3
4
VDD
GND
NC
8
7
6
5
CLK
XTAL_IN
XTAL_OUT
VDDA
OE
15-0105


Similar Part No. - PI6LC48C21

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6LC48C51 PERICOM-PI6LC48C51 Datasheet
917Kb / 7P
Ethernet / SATA LVCMOS Clock Generator
PI6LC48C51LIE PERICOM-PI6LC48C51LIE Datasheet
917Kb / 7P
Ethernet / SATA LVCMOS Clock Generator
PI6LC48C51LIEX PERICOM-PI6LC48C51LIEX Datasheet
917Kb / 7P
Ethernet / SATA LVCMOS Clock Generator
More results

Similar Description - PI6LC48C21

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V926 IDT-IDT5V926 Datasheet
45Kb / 6P
SINGLE OUTPUT CLOCK GENERATOR
8413S12B IDT-8413S12B Datasheet
845Kb / 33P
HCSL/ LVCMOS Clock Generator
8413S12BI IDT-8413S12BI Datasheet
591Kb / 33P
HCSL/ LVCMOS Clock Generator
8413S12BI-126 IDT-8413S12BI-126 Datasheet
754Kb / 29P
HCSL/ LVCMOS Clock Generator
logo
Renesas Technology Corp
870931I-01 RENESAS-870931I-01 Datasheet
408Kb / 14P
LVCMOS Clock Generator
April 25, 2016
8413S12B RENESAS-8413S12B Datasheet
1Mb / 34P
HCSL/ LVCMOS Clock Generator
August 18, 2016
8413S12BI-126 RENESAS-8413S12BI-126 Datasheet
952Kb / 30P
HCSL/ LVCMOS Clock Generator
January 7, 2016
ICS870919I RENESAS-ICS870919I Datasheet
428Kb / 18P
LVCMOS Clock Generator
2019
ICS87949I-01 RENESAS-ICS87949I-01 Datasheet
244Kb / 15P
LVCMOS / LVTTL CLOCK GENERATOR
MAY 1, 2013
870919I-01 RENESAS-870919I-01 Datasheet
378Kb / 16P
LVCMOS Clock Generator
2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com