Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2000C Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2000C
Description  Current Limited, Power-Distribution Switches
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2000C Datasheet(HTML) 2 Page - Texas Instruments

  TPS2000C Datasheet HTML 1Page - Texas Instruments TPS2000C Datasheet HTML 2Page - Texas Instruments TPS2000C Datasheet HTML 3Page - Texas Instruments TPS2000C Datasheet HTML 4Page - Texas Instruments TPS2000C Datasheet HTML 5Page - Texas Instruments TPS2000C Datasheet HTML 6Page - Texas Instruments TPS2000C Datasheet HTML 7Page - Texas Instruments TPS2000C Datasheet HTML 8Page - Texas Instruments TPS2000C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
2
TPS2000C, TPS2001C, TPS2041C, TPS2051C, TPS2061C
TPS2065C, TPS2065C-2, TPS2068C, TPS2069C, TPS2069C-2
SLVSAU6H – JUNE 2011 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPS2000C TPS2001C TPS2041C TPS2051C TPS2061C TPS2065C TPS2065C-2 TPS2068C
TPS2069C TPS2069C-2
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 4
6
Pin Configuration and Functions ......................... 4
7
Specifications......................................................... 5
7.1
Absolute Maximum Ratings ...................................... 5
7.2
ESD Ratings.............................................................. 5
7.3
Recommended Operating Conditions ....................... 6
7.4
Thermal Information: SOT-23 ................................... 6
7.5
Thermal Information: MSOP-PowerPAD .................. 6
7.6
Electrical Characteristics: TJ = TA = 25°C................. 7
7.7
Electrical Characteristics: –40°C
≤ TJ ≤ 125°C......... 8
7.8
Timing Requirements: TJ = TA = 25°C...................... 9
7.9
Typical Characteristics ............................................ 11
8
Detailed Description ............................................ 14
8.1
Overview ................................................................. 14
8.2
Functional Block Diagram ....................................... 14
8.3
Feature Description................................................. 14
8.4
Device Functional Modes........................................ 16
9
Application and Implementation ........................ 17
9.1
Application Information............................................ 17
9.2
Typical Application ................................................. 17
10
Power Supply Recommendations ..................... 21
11
Layout................................................................... 22
11.1
Layout Guidelines ................................................. 22
11.2
Layout Example .................................................... 22
11.3
Power Dissipation and Junction Temperature ...... 22
12
Device and Documentation Support ................. 25
12.1
Related Links ........................................................ 25
12.2
Community Resources.......................................... 25
12.3
Trademarks ........................................................... 25
12.4
Electrostatic Discharge Caution ............................ 25
12.5
Glossary ................................................................ 25
13
Mechanical, Packaging, and Orderable
Information ........................................................... 25
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision G (July 2013) to Revision H
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section ................................................................................................. 1
•
Deleted Devices table (previously Table 1) ........................................................................................................................... 4
Changes from Revision F (August 2012) to Revision G
Page
•
Deleted (See Table 1) from Feature: UL Listed and CB-File No. E169910 ........................................................................... 1
•
Changed From: PXKI To: PYKI in the DEVICE INFORMATION table SOT23-5 (DBV) column (TPS2069C) ...................... 4
•
Deleted Note 2 from : "UL listed and CB complete"............................................................................................................... 4
Changes from Revision E (April 2012) to Revision F
Page
•
Added device TPS20xxC-2 ................................................................................................................................................... 1
•
Changed Feature From: Ouput Discharge When TPS20XXC is Disabled To: Selected parts with (TPS20xxC) and
without (TPS20xxC-2) Output Discharge ............................................................................................................................... 1
•
Added devices TPS2041C, TPS2061C, TPS2065C-2, TPS2068C, and TPS2069C-2 to the Device Information table ....... 4
•
Added the TPS2069C-2 Device ............................................................................................................................................. 4
•
Added PXKI in the DEVICE INFORMATION table SOT23-5 (DBV) column (TPS2069C) .................................................... 4
•
Added devices TPS2041C, TPS2061C, TPS2065C-2, TPS2068C, and TPS2069C-2 to and removed Product Preview.... 4
•
Added Note 1 to the RECOMMENDED OPERATING CONDITIONS table........................................................................... 6
•
Added TPS2041C, TPS2061C, TPS2068C, TPS2065C-2 and TPS2069C-2 devices to IOUT in the RECOMMENDED
OPERATING CONDITIONS table .......................................................................................................................................... 6
•
Added the DBV option to Power Switch RDS(on) 1.5 A rated output, 25°C mΩ ....................................................................... 7
•
Added the DBV option to Power Switch RDS(on) 1.5 A rated output ....................................................................................... 7
•
Changed ISO Current Limit ..................................................................................................................................................... 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com