Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2000C Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2000C
Description  Current Limited, Power-Distribution Switches
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2000C Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2000C Datasheet HTML 3Page - Texas Instruments TPS2000C Datasheet HTML 4Page - Texas Instruments TPS2000C Datasheet HTML 5Page - Texas Instruments TPS2000C Datasheet HTML 6Page - Texas Instruments TPS2000C Datasheet HTML 7Page - Texas Instruments TPS2000C Datasheet HTML 8Page - Texas Instruments TPS2000C Datasheet HTML 9Page - Texas Instruments TPS2000C Datasheet HTML 10Page - Texas Instruments TPS2000C Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
7
TPS2000C, TPS2001C, TPS2041C, TPS2051C, TPS2061C
TPS2065C, TPS2065C-2, TPS2068C, TPS2069C, TPS2069C-2
www.ti.com
SLVSAU6H – JUNE 2011 – REVISED APRIL 2016
Product Folder Links: TPS2000C TPS2001C TPS2041C TPS2051C TPS2061C TPS2065C TPS2065C-2 TPS2068C
TPS2069C TPS2069C-2
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
Pulsed testing techniques maintain junction temperature approximately equal to ambient temperature
(2)
See Current Limit section for explanation of this parameter.
(3)
These parameters are provided for reference only, and do not constitute part of TI's published device specifications for purposes of TI's
product warranty.
7.6 Electrical Characteristics: TJ = TA = 25°C
Unless otherwise noted: VIN = 5 V, VEN = VIN or VEN = GND, IOUT = 0 A. See Device Comparison Table for the rated current of
each part number. Parametrics over a wider operational range are shown in Electrical Characteristics: –40°C ≤ TJ ≤ 125°C
(1).
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
POWER SWITCH
RDS(on)
Input – output resistance
0.5-A rated output, 25°C
DBV
97
110
m
Ω
0.5-A rated output,
–40°C
≤ (TJ , TA) ≤ 85°C
DBV
96
130
m
Ω
1-A rated output, 25°C
DBV
96
110
m
Ω
DGN
86
100
1-A rated output,
–40°C
≤ (TJ , TA) ≤ 85°C
DBV
96
130
m
Ω
DGN
86
120
1.5-A rated output, 25°C
DBV
76
91
m
Ω
DGN
69
84
m
Ω
1.5-A rated output,
–40°C
≤ (TJ , TA) ≤ 85°C
DBV
76
106
m
Ω
DGN
69
98
m
Ω
2-A rated output, 25°C
DGN, DGK
72
84
m
Ω
2-A rated output, –40°C
≤ (TJ , TA) ≤
85°C
DGN, DGK
72
98
m
Ω
CURRENT LIMIT
IOS
(2)
Current limit,
See Figure 6
0.5-A rated output
TPS20xxC
0.67
0.85
1.01
A
1-A rated output
TPS20xxC
1.3
1.55
1.8
TPS20xxC-2
1.18
1.53
1.88
1.5-A rated output
TPS20xxC
1.7
2.15
2.5
TPS20xxC-2
1.71
2.23
2.75
2-A rated output
TPS20xxC
2.35
2.9
3.4
SUPPLY CURRENT
ISD
Supply current, switch disabled
IOUT = 0 A
0.01
1
µA
–40°C
≤ (TJ , TA) ≤ 85°C, VIN = 5.5 V, IOUT = 0 A
2
ISE
Supply current, switch enabled
IOUT = 0 A
60
70
µA
–40°C
≤ (TJ , TA) ≤ 85°C, VIN = 5.5 V, IOUT = 0 A
85
Ilkg
Leakage current
VOUT = 0 V, VIN = 5 V, disabled,
measure IVIN
TPS20xxC-2
0.05
1
µA
–40°C
≤ (TJ , TA) ≤ 85°C, VOUT = 0 V,
VIN = 5 V, disabled, measure IVIN
2
IREV
Reverse leakage current
VOUT = 5 V, VIN = 0 V, measure IVOUT
0.1
1
µA
–40°C
≤ (TJ , TA) ≤ 85°C, VOUT = 5 V, VIN = 0 V, measure
IVOUT
5
OUTPUT DISCHARGE
RPD
Output pulldown resistance(3)
VIN = VOUT = 5 V, disabled
TPS20xxC
400
470
600
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com