Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2000C Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2000C
Description  Current Limited, Power-Distribution Switches
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2000C Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2000C Datasheet HTML 2Page - Texas Instruments TPS2000C Datasheet HTML 3Page - Texas Instruments TPS2000C Datasheet HTML 4Page - Texas Instruments TPS2000C Datasheet HTML 5Page - Texas Instruments TPS2000C Datasheet HTML 6Page - Texas Instruments TPS2000C Datasheet HTML 7Page - Texas Instruments TPS2000C Datasheet HTML 8Page - Texas Instruments TPS2000C Datasheet HTML 9Page - Texas Instruments TPS2000C Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6
TPS2000C, TPS2001C, TPS2041C, TPS2051C, TPS2061C
TPS2065C, TPS2065C-2, TPS2068C, TPS2069C, TPS2069C-2
SLVSAU6H – JUNE 2011 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPS2000C TPS2001C TPS2041C TPS2051C TPS2061C TPS2065C TPS2065C-2 TPS2068C
TPS2069C TPS2069C-2
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
Some package and current rating may request an ambient temperature derating of 85°C.
7.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VIN
Input voltage, IN
4.5
5.5
V
VEN
Input voltage, EN or EN
0
5.5
V
VIH
High-level input voltage, EN or EN
2
V
VIL
Low-level input voltage, EN or EN
0.7
V
IOUT
Continuous output current,
OUT(1)
TPS2041C and TPS2051C
0.5
A
TPS2061C, TPS2065C and TPS2065C-2
1
TPS2068C, TPS2069C and TPS2069C-2
1.5
TPS2000C and TPS2001C
2
TJ
Operating junction temperature
–40
125
°C
IFLT
Sink current into FLT
0
5
mA
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
Rated at 0.5 A or 1 A.
(3)
Rated at 1.5 A or 2 A.
7.4 Thermal Information: SOT-23
THERMAL METRIC(1)
TPS20xxC, TPS20xxC-2
UNIT
DBV (SOT-23)(2)
DBV (SOT-23)(3)
5 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
224.9
220.4
°C/W
RθJCtop
Junction-to-case (top) thermal resistance
95.2
89.7
°C/W
RθJB
Junction-to-board thermal resistance
51.4
46.9
°C/W
ψJT
Junction-to-top characterization parameter
6.6
5.2
°C/W
ψJB
Junction-to-board characterization parameter
50.3
46.2
°C/W
RθJCbot
Junction-to-case (bottom) thermal resistance
—
—
°C/W
RθJACustom
See Power DIssipation and Junction Temperature
139.3
134.9
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
Rated at 0.5 A or 1 A.
(3)
Rated at 1.5 A or 2 A.
(4)
Rated at 2 A.
7.5 Thermal Information: MSOP-PowerPAD
THERMAL METRIC(1)
TPS20xxC, TPS20xxC-2
UNIT
DGN
(MSOP-
PowerPAD)(2)
DGN
(MSOP-
PowerPAD)(3)
DGK
(VSSOP)(4)
8 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
72.1
67.1
205.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
87.3
80.8
94.3
°C/W
RθJB
Junction-to-board thermal resistance
42.2
37.2
126.9
°C/W
ψJT
Junction-to-top characterization parameter
7.3
5.6
24.7
°C/W
ψJB
Junction-to-board characterization parameter
42
36.9
125.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
39.2
32.1
—
°C/W
RθJACustom
See Power DIssipation and Junction Temperature
66.5
61.3
110.3
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com