Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI49FCT20802LE Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI49FCT20802LE
Description  1:5/1:7 2.5V Clock Buffer for Networking Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT20802LE Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI49FCT20802LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT20802LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT20802LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT20802LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT20802LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT20802LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI49FCT20802LE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
www.pericom.com
P-0.1
01/24/11
PI49FCT20802/PI49FCT20803
1:5/1:7 2.5V Clock Buffer for
Networking Applications
Switching Characteristics (VDD = 2.5V ± 0.2V, TA = 85°C)
Parameters
Description
Test Conditions(8)
Min
Typ
Max
Units
f
CLK
Output Frequency
150
MHz
t
R/tF
Rise/Fall time VO = 0.7V ~ 1.7 V
CL = 22pF, 100 MHz
1.0
1.25
ns
CL = 12pF, 150 MHz
1.0
1.2
t
PD
Propagation Delay
CL = 22pF, 100 MHz
3.5
3.5
CL = 12pF, 150 MHz
2.4
2.7
t
SK(o)
Output Skew
CL = 22pF, 100 MHz
100
150
ps
CL = 12pF, 150 MHz
100
150
t
SK(p)
Pulse Skew
CL = 22pF, 100 MHz
250
300
CL = 12pF, 150 MHz
250
300
t
SK(d)
Device-to-device skew(9)
CL = 12pF, 150 MHz
400
600
Notes:
8. See test circuit and waveforms.
9. Identical conditions: loading, transitions, supply voltage, temperature, package type and speed grade.
Pin Description
Pin Name
Description
PI49FCT20802
PI49FCT20803
BUF_IN
BUF_IN
Input
CLK [0:4]
CLK [0:6]
Outputs
GND
GND
Ground
VDD
VDD
Power
Test Circuits for All Outputs
Pulse
Generator
D.U.T.
VIN
VOUT
CL
VDD
11-0004



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com