Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI49FCT20802LE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI49FCT20802LE
Description  1:5/1:7 2.5V Clock Buffer for Networking Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT20802LE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI49FCT20802LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT20802LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT20802LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT20802LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT20802LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT20802LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI49FCT20802LE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
www.pericom.com
P-0.1
01/24/11
PI49FCT20802/PI49FCT20803
1:5/1:7 2.5V Clock Buffer for
Networking Applications
Absolute Maximum Ratings (Over operating free-air temperature range)
Parameter
Min.
Max.
Units
Storage temperature
-65
150
˚C
SSupply Voltage VDD
-0.5
3.6
V
Input/Output Voltages(1)
-0.5
VDD +0.5
V
DC Output Current
-60
60
mA
Power Dissipation
-
500
mW
Stress beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
DC Electrical Characteristics (Over the Operating Range)
Parameters Description
Test Conditions(1)
Min
Typ (2)
Max
Units
VIH
Input HIGH Voltage
1.7
V
VIL
Input LOW Voltage
0.7
II
Input Current
V
DD = 0 or VDD
±1
mA
VIK
Clamp Diode Voltage
V
DD = Min., IIN = –18 mA
-0.7
-1
V
VOH
Output HIGH Voltage
V
DD = Min.
I
OH = –1mA
2
I
OH = –8mA
1.8(3)
VOL
Output LOW Voltage
V
DD = Min.
I
OH = 1mA
0.4
I
OH = 8mA
0.6
Notes:
1. This value is limited to 3.6V maximum.
2. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
3. Typical values are at V
DD = 2.5V, +25°C ambient and maximum loading.
Operating Range
Parameter
Min.
Max.
Units
VDD Voltage
2.5±0.2
V
Industrial Temperature
-40
85
˚C
Commercial Temperature
0
70
˚C
Capacitive Loading
10
25
pF
11-0004



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com