Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI49FCT20802LE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI49FCT20802LE
Description  1:5/1:7 2.5V Clock Buffer for Networking Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT20802LE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI49FCT20802LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT20802LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT20802LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT20802LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT20802LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT20802LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI49FCT20802LE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.pericom.com
P-0.1
01/24/11
PI49FCT20802/PI49FCT20803
1:5/1:7 2.5V Clock Buffer for
Networking Applications
Power Supply Characteristics
Parameters Description
Test Conditions(4)
Min
Typ (5)
Max
Units
IDDQ
Quiescent Power Supply
Current
VIN = 0 or VDD
0.1
20
μA
ΔIDD
Supply Current per
Input
VIN = VDD -0.6V(6)
47
300
IDD
Dynamic Supply Cur-
rent (See Graph 1)
VDD = 2.7V, 15pF & 33-ohm load,
f = 150 MHz
136
mA
Notes:
4. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
5. Typical values are at V
DD = 2.5V, +25°C ambient and maximum loading.
6. Per TTL driven input (V
IN = VDD – 0.6V); all other inputs at VDD or GND.
Capacitance (TA = 25°C, f = 1 MHz)
Parameters(3) Description
Test Conditions
Typ(7)
Max
Units
CIN
Input Capacitance
VIN = 0V
3
4
pF
COUT
Output Capacitance
VOUT = 0V
6
Notes:
7. This parameter is determined by device characterization but is not production tested.
Graph 1. Dynamic Current vs. Clock Frequency
160
140
120
100
80
60
Clock Frequency [MHz]
40
20
0
0
50
100
150
200
Load = 15pF & 33 ohms
Load = 0
11-0004



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com