Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5562 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LP5562
Description  Programmable Lighting Sequences
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5562 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP5562 Datasheet HTML 17Page - Texas Instruments LP5562 Datasheet HTML 18Page - Texas Instruments LP5562 Datasheet HTML 19Page - Texas Instruments LP5562 Datasheet HTML 20Page - Texas Instruments LP5562 Datasheet HTML 21Page - Texas Instruments LP5562 Datasheet HTML 22Page - Texas Instruments LP5562 Datasheet HTML 23Page - Texas Instruments LP5562 Datasheet HTML 24Page - Texas Instruments LP5562 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
LED PWM mapped
to Engine1
PWM value
127
255
Time (ms)
100
200
400
300
500
600
700
800
900 1000 1100
1200
Engine1 program:
ramp up to PWM value 128 in 200 ms
wait 200 ms
ramp down to PWM value 0 in 200 ms
wait 500 ms
1300 1400
1500 1600 1700
Engine1 program as binary code:
0000001101111111
0100110100000000
0000001111111111
0110000000000000
SVA-30197408
LP5562
www.ti.com
SNVS820A – APRIL 2013 – REVISED SEPTEMBER 2015
Figure 17. LED Lighting Pattern and Code for Program Load and Execution Example
7.3.4 Power-Save Mode
Automatic power save mode is enabled when the PS_EN bit in register address 08h is 1. Almost all analog
blocks are powered down in power save, if an external clock is used. However, if an internal clock has been
selected, only the LED drivers are disabled during power save since the digital part of the LED controller need to
remain active. During program execution the LP5562 can enter power-save mode if there is no PWM activity in
engine controlled outputs. To prevent short power-save sequences during program execution, the LP5562 has a
command look-ahead filter. In each instruction cycle every engine commands are analyzed, and if there is
sufficient time left with no PWM activity, the device will enter power save. In power save program execution
continues uninterruptedly. When a command that requires PWM activity is executed, fast internal startup
sequence will be started automatically. The following tables describe commands and conditions that can activate
power save. All engines need to meet power-save conditions in order to enable power save.
Table 20. Engine Operation Mode and Power Save
ENGINE OPERATION
POWER SAVE CONDITION
MODE
00b
Disabled mode enables power save
01b
Load program to SRAM mode prevents power save.
Run program mode enables power save if there is no PWM activity and
10b
command look-ahead filter condition is met.
11b
Direct control mode enables power save if there is no PWM activity.
Table 21. Engine Commands and Power Save
COMMAND
POWER SAVE CONDITION
No PWM activity and current command wait time longer than 50 ms. If
Wait
prescale = 1 then wait time needs to be longer than 80 ms.
Ramp command PWM value reaches minimum 0 and current command
Ramp
execution time left more than 50 ms. If prescale = 1 then time left needs to be
more than 80 ms.
Trigger
No PWM activity during wait for trigger command execution.
End
No PWM activity or Reset bit = 1.
Enables power save if PWM set to 0 and next command generates at least 50
Set PWM
ms wait.
Other commands
No effect to power save.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LP5562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com