Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5562 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # LP5562
Description  Programmable Lighting Sequences
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5562 Datasheet(HTML) 41 Page - Texas Instruments

Back Button LP5562 Datasheet HTML 37Page - Texas Instruments LP5562 Datasheet HTML 38Page - Texas Instruments LP5562 Datasheet HTML 39Page - Texas Instruments LP5562 Datasheet HTML 40Page - Texas Instruments LP5562 Datasheet HTML 41Page - Texas Instruments LP5562 Datasheet HTML 42Page - Texas Instruments LP5562 Datasheet HTML 43Page - Texas Instruments LP5562 Datasheet HTML 44Page - Texas Instruments LP5562 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
LP5562
www.ti.com
SNVS820A – APRIL 2013 – REVISED SEPTEMBER 2015
8.2.2 Detailed Design Procedure
Table 45. Recommended External Components
MODEL
TYPE
VENDOR
VOLTAGE RATING
SIZE INCH (MM)
1 µF for CIN
C1005X5R1A105K
Ceramic X5R
TDK
10 V
0402 (1005)
GRM155R61A105KE15D
Ceramic X5R
Murata
10 V
0402 (1005)
LEDs
User Defined
8.2.2.1 Output Current Configuration
•
For 22-mA “B” output current the register address 0x05 is set to 0xDC. B_CURRENT[7:0] = (22 mA / 0.1) =
220 decimal.
•
For 22-mA “G” output current the register address 0x06 is set to 0xC8. G_CURRENT[7:0] = (20 mA / 0.1) =
200 decimal.
•
For 24-mA “R” output current the register address 0x07 is set to 0xF0. R_CURRENT[7:0] = (24 mA / 0.1) =
240 decimal.
•
For 18-mA “WLED” output current the register address 0x0F is set to 0xB4. W_CURRENT[7:0] = (18 mA /
0.1) = 180 decimal.
8.2.2.2 PWM Frequency Configuration
To set the PWM frequency to 256 Hz the PWM_HF bit must be written to '0'. It is located at register address
0x08 bit 6.
8.2.2.3 Clock Source Configuration
To set the clock source to external clock input the INT_CLK_EN and CLK_DET_EN bits are set to “00”. These
are located at register address 0x08 bits 0 and 1.
8.2.2.4 Power-Save Mode Configuration
To enable the power save mode function the PWRSAVE_EN bit must be set to '1'. It is located at register
address 0x08 bit 5.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Links: LP5562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com