Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5562 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP5562
Description  Programmable Lighting Sequences
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5562 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP5562 Datasheet HTML 9Page - Texas Instruments LP5562 Datasheet HTML 10Page - Texas Instruments LP5562 Datasheet HTML 11Page - Texas Instruments LP5562 Datasheet HTML 12Page - Texas Instruments LP5562 Datasheet HTML 13Page - Texas Instruments LP5562 Datasheet HTML 14Page - Texas Instruments LP5562 Datasheet HTML 15Page - Texas Instruments LP5562 Datasheet HTML 16Page - Texas Instruments LP5562 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
LP5562
www.ti.com
SNVS820A – APRIL 2013 – REVISED SEPTEMBER 2015
Table 3. LED PWM Output Selection Bits
B_ENG_SEL bits[1:0]
G_ENG_SEL bits[3:2]
DESCRIPTION
R_ENG_SEL bits[5:4]
W_ENG_SEL bits[7:6]
00
Output is controlled via I2C registers
ENG1_MODE and ENG1_EXEC register control LED output PWM
01
instead of I2C register
ENG2_MODE and ENG2_EXEC register control LED output PWM
10
instead of I2C register
ENG3_MODE and ENG3_EXEC register control LED output PWM
11
instead of I2C register
7.3.2 Direct I2C Register PWM Control Example
•
Device Start-up
–
Supply 3.6 V to VDD
–
Supply 1.8 V to EN
–
Wait 1 ms
–
Write to address 00h 0100 0000b (chip_en to '1')
–
Wait 500
μs (start-up delay)
•
Use internal clock
–
Write to address 08h 0000 0001b (enable internal clock)
•
Direct PWM control
–
Write to address 70h 0000 0000b (Configure all LED outputs to be controlled from I2C registers)
•
Write PWM values
–
Write to address 02h 1000 0000b (B driver PWM 50% duty cycle)
–
Write to address 03h 1100 0000b (G driver PWM 75% duty cycle)
–
Write to address 04h 1111 1111b (R driver PWM 100% duty cycle)
LEDs are turned on after the PWM values are written. Changes to the PWM value registers are reflected
immediately to the LED brightness. Default LED current (17.5 mA) is used for LED outputs, if no other values are
written.
PWM frequency is either 256 Hz or 558 Hz. Frequency is set with PWM_HF bit in register 08h. When PWM_HF
is 0, the frequency is 256 Hz. When the PWM_HF bit is 1, the PWM frequency is 558 Hz. Brightness adjustment
is either linear or logarithmic. This can be set with LOG_EN bit in register 00h. When LOG_EN = 0 linear
adjustment scale is used and when LOG_EN = 1 logarithmic scale is used. By using logarithmic scale the visual
effect seems linear to the eye. Register control bits are presented in following tables:
Table 4. ENABLE Register (00h)
NAME
BIT
DESCRIPTION
Logarithmic PWM adjustment enable bit
LOG_EN
7
0 = Linear adjustment
1 = Logarithmic adjustment
Table 5. CONFIG Register (08h)
NAME
BIT
DESCRIPTION
PWM clock frequency
PWM_HF
6
0 = 256 Hz
1 = 558 Hz
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP5562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com