Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2623L-R Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SE2623L-R
Description  2.4 GHz High-Power Wireless LAN Power Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2623L-R Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SE2623L-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2623L-R Datasheet HTML 2Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
203620A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • July 9, 2015
1
PRODUCT SUMMARY
SE2623L-R: 2.4 GHz High-Power Wireless LAN Power
Amplifier
Applications
 DSSS 2.4 GHz WLAN (IEEE 802.11b)
 OFDM 2.4 GHz WLANs:
 IEEE 802.11b/g/n
 256 QAM IEEE 802.11ac
 Access points
 PCMCIA cards
 PC cards
Features
 High linear output power for IEEE 802.11ac, MCS9, 5 V
 High transmit gain
 Integrated temperature-compensated power detector
 Digital power amplifier enable pin (VEN)
 Small QFN (16-pin, 3.0 x 3.0 x 0.9 mm) package
(MSL3, 260 °C per JEDEC J-STD-020)
Skyworks GreenTM products are compliant with
all applicable legislation and are halogen-free.
For additional information, refer to
Skyworks
Definition of GreenTM, document number
SQ04–0074.
EN
VCC0
VCC2
RF_OUT
DET
DET
Bias and Control
50
Ω
RF_IN
Y2171
Figure 1. SE2623L-R Block Diagram
Description
The SE2623L-R is a 2.4 GHz power amplifier (PA) designed for
use in the 2.4 GHz Industrial, Scientific, Medical (ISM) band for
wireless local area network (LAN) applications. The SE2623L-R
device incorporates a power detector for closed loop monitoring
of the output power.
The SE2623L-R includes a digital enable control for device on/off
control.
The SE2623L-R temperature-compensated power detector is
highly immune to mismatch at its output, with less than +1.5 dB
of variation with a 2:1 mismatch.
A block diagram of the SE2623L-R is shown in Figure 1.


Similar Part No. - SE2623L-R

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SE2623L-R-EK1 SKYWORKS-SE2623L-R-EK1 Datasheet
1Mb / 12P
SE2623L-R: 2.4 GHz High Power Wireless LAN Power Amplifier
February 11, 2020
More results

Similar Description - SE2623L-R

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6153 ANADIGICS-AWL6153 Datasheet
247Kb / 12P
2.4 GHz Wireless LAN Power Amplifier Module
Rev 1.0
AWL6152 ANADIGICS-AWL6152 Datasheet
197Kb / 12P
2.4 GHz Wireless LAN Power Amplifier Module
Rev 0.2
logo
SiGe Semiconductor, Inc...
SE2521A60 SIGE-SE2521A60 Datasheet
451Kb / 16P
RangeCharger??2.4 GHz Wireless LAN Front End
SE2521A80 SIGE-SE2521A80 Datasheet
105Kb / 2P
2.4 GHz Wireless LAN Front End Preliminary
SE2559L20 SIGE-SE2559L20 Datasheet
105Kb / 2P
2.4 GHz High Efficiency Wireless LAN Front End Preliminary
SE2565T SIGE-SE2565T Datasheet
129Kb / 2P
2.4 GHz High Power Wireless LAN Power Amplifier Preliminary
SE2568U SIGE-SE2568U Datasheet
109Kb / 2P
2.4 GHz High Efficiency Wireless LAN PA Preliminary
SE2576L SIGE-SE2576L Datasheet
129Kb / 2P
2.4 GHz High Power Wireless LAN Power Amplifier Preliminary
SE2566U SIGE-SE2566U Datasheet
86Kb / 2P
2.4 GHz Dual Channel Wireless LAN Power Amplifier Preliminary
SE2579U SIGE-SE2579U Datasheet
165Kb / 2P
2.4 GHz High Efficiency Wireless LAN/BT Front End
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com