Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2623L-R-EK1 Datasheet (PDF) - Skyworks Solutions Inc.

SE2623L-R-EK1 Datasheet PDF - Skyworks Solutions Inc.
Part # SE2623L-R-EK1
Download  SE2623L-R-EK1 Download
File Size   1445.68 Kbytes
Page   12 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description SE2623L-R: 2.4 GHz High Power Wireless LAN Power Amplifier

SE2623L-R-EK1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SE2623L-R-EK1 Datasheet PDF - Skyworks Solutions Inc.

Part # SE2623L-R-EK1
Download  SE2623L-R-EK1 Click to download

File Size   1445.68 Kbytes
Page   12 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description SE2623L-R: 2.4 GHz High Power Wireless LAN Power Amplifier

SE2623L-R-EK1 Datasheet (HTML) - Skyworks Solutions Inc.


SE2623L-R-EK1 Product details

Applications
 DSSS 2.4 GHz WLAN (IEEE 802.11b)
 OFDM 2.4 GHz WLANs:
 IEEE 802.11b/g/n
 256 QAM IEEE 802.11ac
 Access points
 PCMCIA cards
 PC cards
Features
 Single 5 V supply operation:
+23 dBm, EVM = 1.8 %, MCS8
+26 dBm, EVM = 3 %, 802.11g, OFDM 54 Mbps
+26 dBm, ACPR < –32 dBc, 802.11b
 +33 dB gain
 Integrated temperature-compensated power detector
 Digital power amplifier enable pin (VEN)
 Small QFN (16-pin, 3.0 x 3.0 x 0.9 mm) package
(MSL3, 260 °C per JEDEC J-STD-020)
Description
The SE2623L-R is a 2.4 GHz Power Amplifier (PA) designed for
use in the 2.4 GHz Industrial, Scientific, Medical (ISM) band for
wireless Local Area Network (LAN) applications. The SE2623L-R
device incorporates a power detector for closed loop monitoring
of the output power.
The SE2623L-R includes a digital enable control for device on/off
control.
The SE2623L-R temperature-compensated power detector is
highly immune to mismatch at its output, with less than +1.5 dB
of variation with a 2:1 mismatch.
A block diagram of the SE2623L-R is shown in Figure 1. The
device package and pinout for the 16-pin QFN are shown in
Figure 2.




Similar Part No. - SE2623L-R-EK1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SE2623L-R-EK1 SKYWORKS-SE2623L-R-EK1 Datasheet
187Kb / 2P
2.4 GHz High-Power Wireless LAN Power Amplifier
More results


Similar Description - SE2623L-R-EK1

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6153 ANADIGICS-AWL6153 Datasheet
247Kb / 12P
2.4 GHz Wireless LAN Power Amplifier Module
Rev 1.0
AWL6152 ANADIGICS-AWL6152 Datasheet
197Kb / 12P
2.4 GHz Wireless LAN Power Amplifier Module
Rev 0.2
logo
SiGe Semiconductor, Inc...
SE2521A60 SIGE-SE2521A60 Datasheet
451Kb / 16P
RangeCharger??2.4 GHz Wireless LAN Front End
SE2521A80 SIGE-SE2521A80 Datasheet
105Kb / 2P
2.4 GHz Wireless LAN Front End Preliminary
SE2559L20 SIGE-SE2559L20 Datasheet
105Kb / 2P
2.4 GHz High Efficiency Wireless LAN Front End Preliminary
SE2565T SIGE-SE2565T Datasheet
129Kb / 2P
2.4 GHz High Power Wireless LAN Power Amplifier Preliminary
SE2568U SIGE-SE2568U Datasheet
109Kb / 2P
2.4 GHz High Efficiency Wireless LAN PA Preliminary
SE2576L SIGE-SE2576L Datasheet
129Kb / 2P
2.4 GHz High Power Wireless LAN Power Amplifier Preliminary
SE2566U SIGE-SE2566U Datasheet
86Kb / 2P
2.4 GHz Dual Channel Wireless LAN Power Amplifier Preliminary
logo
Skyworks Solutions Inc.
SE2623L-R SKYWORKS-SE2623L-R Datasheet
187Kb / 2P
2.4 GHz High-Power Wireless LAN Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com