Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2623L-R-EK1 Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # SE2623L-R-EK1
Description  SE2623L-R: 2.4 GHz High Power Wireless LAN Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2623L-R-EK1 Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button SE2623L-R-EK1 Datasheet HTML 4Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 5Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 6Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 7Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 8Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 9Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 10Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 11Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 12Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
DATA SHEET • SE2623L-R: 2.4 GHz HIGH POWER WIRELESS LAN POWER AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
10
February 11, 2020 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 202397J
3.40
3.50
3.40
3.40
3.50
0.95
0.500 Typ
6X 0.25
0.94
R0.15
Typ
Package
Outline
58% solder coverage
on center pad
Board Metal
Solder Mask Pattern
(Note 6)
Stencil Pattern
(Note 5)
Via Pattern
(Note 4)
Y1350
Notes:
1. All dimensions are in millimeters.
2. Dimensions and tolerances according to ASME Y14.5M-1994.
3. Unless specified, dimensions are symmetrical about center lines.
4. Via hole recommendations:
0.025 mm Cu via wall plating (minimum), via holes to be plated shut or plugged and
capped, both sides.
5. Stencil recommendations:
0.125 mm stencil thickness, laser cut apertures, trapezoidal walls and rounded corners offer
better paste release.
6. Solder mask recommendations:
Contact board fabricator for recommended solder mask offset and tolerance.
1.70
3.40
1.70
0.65 Typ
0.20 Typ
0.16 Typ
0.483
0.15 Typ
3X 0.55
0
0
1.56
1.62
3X 0.55
1.90
0.60 Typ
0.35 Typ
0.500 Typ
0.25 Typ
0.500 Typ
0.70
Typ
0.20 Typ
0.65 Typ
0.60
Typ
4X ø0.457
9X ø0.254
1.83
1.90
Figure 7. SE2623L-R PCB Layout Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com