Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2623L-R-EK1 Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SE2623L-R-EK1
Description  SE2623L-R: 2.4 GHz High Power Wireless LAN Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2623L-R-EK1 Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SE2623L-R-EK1 Datasheet HTML 1Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 2Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 3Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 4Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 5Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 6Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 7Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 8Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DATA SHEET • SE2623L-R: 2.4 GHz HIGH POWER WIRELESS LAN POWER AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
4
February 11, 2020 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 202397J
Table 6. SE2623L-R Electrical Specifications: Logic Characteristics1
(VCC = 5 V, EN = VENH, TA = 25
C as Measured on the Evaluation Board (De-embedded to the Device), All Unused Ports are Terminated
with 50
Ω, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Logic voltage:
High (module on)
Low (module off)
VENH
VENL
1.8
0
3.6
0.4
V
Input current logic voltage:
High
Low
IENH
IENL
VEN = 0.4 V
1
250
20
μA
Enable pin input impedance
ZEN
Passive pull-down
20
k
Ω
1 Performance is guaranteed only under the conditions listed in this table.
Table 7. SE2623L-R Electrical Specifications: Power Detector Characteristics1
(VCC = 5 V, EN = VENH, TA = 25
C as Measured on the Evaluation Board, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Frequency range
f
2400
2500
MHz
Power detect range
PDR
CW, measured at RF_OUT
+5
+30
dBm
DC source impedance on DET
PDZSRC
2.0
k
Ω
DC load impedance
PDZLOAD
26.5
k
Ω
Output voltage
PDVDC
PDVP5
PDVP26
PDVP29
Measured into 26.5 k
Ω:
No RF
POUT = +5 dBm CW
POUT = +26 dBm CW
POUT = +29 dBm CW
0.120
0.120
0.575
0.900
0.150
0.180
0.700
1.000
0.200
0.230
0.875
1.100
V
Power detect low-pass filter, –3 dB corner frequency
LPF–3DB
Measured into 26.5 k
Ω
2
MHz
1 Performance is guaranteed only under the conditions listed in this table.
Typical Performance Characteristics
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
4
6
8
10121416
18
20
22
24
26
28
Output Power (dBm)
2412 MHz
2442 MHz
2472 MHz
Figure 3. SE2623L-R Detector Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com