Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2623L-R-EK1 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SE2623L-R-EK1
Description  SE2623L-R: 2.4 GHz High Power Wireless LAN Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2623L-R-EK1 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SE2623L-R-EK1 Datasheet HTML 1Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 2Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 3Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 4Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 5Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 6Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 7Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 8Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DATA SHEET • SE2623L-R: 2.4 GHz HIGH POWER WIRELESS LAN POWER AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
February 11, 2020 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 202397J
Electrical and Mechanical Specifications
Signal pin assignments and functional pin descriptions are
described in Table 1. The absolute maximum ratings of the
SE2623L-R are provided in Table 2.
The recommended operating conditions are specified in Table 3.
The electrical specifications are provided in Tables 4 through 7.
The typical performance characteristics of the SE2623L-R are
illustrated in Figure 3.
Table 1. SE2623L-R Signal Descriptions
Pin
Name
Description
Pin
Name
Description
1
RF_IN
RF input
9
GND
Ground
2
EN
PA enable
10
RF_OUT
RF output
3
GND
Ground
11
RF_OUT
RF output
4
VCC0
Power supply for bias circuit
12
GND
Ground
5
GND
Ground
13
VCC2
Power supply for second stage
6
GND
Ground
14
NC
No connect. May be left floating or grounded.
7
DET
Power detector output
15
VCC1
Power supply driver stages
8
NC
No connect. May be left floating or grounded.
16
GND
Ground
Table 2. SE2623L-R Absolute Maximum Ratings1
Parameter
Symbol
Minimum
Maximum
Units
Supply voltage
VCC0, VCC1, VCC2, RF_OUT
–0.3
+5.5
V
DC input on EN
VIN
–0.3
+3.6
V
RF input power—RF out terminated in 50 Ω
PIN
+12.0
dBm
Operating temperature range
TA
–40
+85
°C
Junction temperature
TJ
+150
°C
Storage temperature range
TSTG
–40
+150
°C
Electrostatic discharge:
Human Body Model (HBM), Class 1C (all pins)
ESD
1000
V
1 Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other parameters
set at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device.
ESD HANDLING: Although this device is designed to be as robust as possible, electrostatic discharge (ESD) can damage this device.
This device must be protected at all times from ESD when handling or transporting. Static charges may easily produce
potentials of several kilovolts on the human body or equipment, which can discharge without detection.
Industry-standard ESD handling precautions should be used at all times.
Table 3. SE2623L-R Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units
Ambient temperature
TA
–40
+25
+85
°C
Supply voltage, relative to GND = 0 V
VCC
4.5
5.0
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com