Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2623L-R-EK1 Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # SE2623L-R-EK1
Description  SE2623L-R: 2.4 GHz High Power Wireless LAN Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2623L-R-EK1 Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

Back Button SE2623L-R-EK1 Datasheet HTML 2Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 3Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 4Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 5Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 6Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 7Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 8Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 9Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DATA SHEET • SE2623L-R: 2.4 GHz HIGH POWER WIRELESS LAN POWER AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
6
February 11, 2020 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 202397J
1
2
3
4
9
10
12
11
6
78
5
J2
SMA
12345
6
VCC0
C43
100 pF
C4
4.7 μF
C10
DNI
C8
DNI
R2
47
Ω
R9
10
Ω
R5
0
Ω
C7
100 nF
C15
DNI
R1
0
Ω
R6
DNI
R3
DNI
C5
470 nF
C1
3.3 pF
C2
2.4 pF
C6
15 pF
C3
2.4 pF
C13
1.5 pF
L1
1.0 nH
C9
DNI
C14
100 nF
RF_IN
EN
GND
VCC0
GND
RF_OUT
RF_OUT
GND
C12
100 nF
C11
DNI
15 14 13
16
17
R8
0
Ω
R4
0
Ω
7
R7
26.1K
J3
J4
J1
SMA
VCC0
EN
Y0742
12345
6
7
C1 should have one pad on T1 and should be placed 0.7 mm from the edge of U1.
C1 is grounded on the same side as Pin 12 of U1.
C2 Should be placed 0.95 mm from the edge of U1 and grounded on the same side as pin 9 of U1.
T2 is 1 mm long and is measured from the edge of T1 to the inside edge of the C2 pad.
R1 should have one pad on T1 and should be placed 1.65 mm from the edge of U1.
R1 should be placed next to C1 and moved away from C2 such that the pad does not interfere with T2.
T1 is 2.85 mm long and is measured from the edge of U1 to the inside edge of the C6 pad.
T4 is 1.5 mm long and is measured from the inside edge of the C6 pad to the inside edge of the L1 pad.
C3 is placed such that it is grounded on the same side as pin 9 of U1.
T3 is 1 mm long, starts at the C6 pad and is measured from the edge of T4 to the inside edge of the C3 pad.
T6 is 0.5 mm wide, 5.2 mm long and is measured from the center of the R1 pad to the center of the C14 pad.
T1, T2, T3, T4, and T5 are all 50
ΩTX lines.
The components on the output need to follow the placement and layout of the Evaluation Board.
Notes on location and dimension of critical elements:
T5
T3
T4
T2
T1
T6
Figure 4. SE2623L-R Evaluation Board Schematic Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com