Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2623L-R-EK1 Datasheet(PDF) 7 Page - Skyworks Solutions Inc.

Part # SE2623L-R-EK1
Description  SE2623L-R: 2.4 GHz High Power Wireless LAN Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2623L-R-EK1 Datasheet(HTML) 7 Page - Skyworks Solutions Inc.

Back Button SE2623L-R-EK1 Datasheet HTML 3Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 4Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 5Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 6Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 7Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 8Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 9Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 10Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 11Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DATA SHEET • SE2623L-R: 2.4 GHz HIGH POWER WIRELESS LAN POWER AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202397J • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • February 11, 2020
7
Table 8. SE2623L-R Evaluation Board Bill of Materials
Quantity
Component
Value
Manufacturer
Mfr Part Number
Package
Description
1
R1
0
Ω
Panasonic
ERJ3GEJ0R0
0603
Thick film chip resistor
1
L1
1.0 nH
muRata
LQG15HN1N0S02D
0402
1
C13
1.5 pF
muRata
GRM1555C1H1R5CZ01
0402
Multilayer ceramic
1
C1
3.3 pF
muRata
GRM1555C1H3R3CZ01
0402
Multilayer ceramic
1
C4
4.7 uF
muRata
GRM188R60J475KE19
0603
Multilayer ceramic
1
C6
15 pF
muRata
GRM1555C1H150JZ01
0402
Multilayer ceramic
1
R7
26.1K
Panasonic
ERJ2RKF2612
0402
Thick film chip resistor
1
R9
10
Ω
Panasonic
ERJ3GEYJ100
0603
Thick film chip resistor
1
C43
100 pF
muRata
GRM1555C1H101JZ01
0402
Multilayer ceramic
1
R2
47
Ω
Panasonic
ERJ3GEYJ470
0603
Thick film chip resistor
1
C5
470 nF
muRata
GRM155R60J474KE19
0402
Multilayer ceramic
1
U1
SE2623L-R
Skyworks Solutions
SE2623L-R
QFN 300 X 300
802.11g/n High Power PA
1
PCB1
Z464-B
Skyworks Solutions
Z464-B
PCB
2
C2, C3
2.4 pF
muRata
GRM1555C1H2R4CZ01
0402
Multilayer ceramic
2
J3, J4
7X1
Samtec
TSW-107-07-G-S
100 mil
100 mil header
2
R3, R6
DNI
0402
Do Not Install
2
J1, J2
SMA
Johnson Components
142-0701-851
end launch
SMA end launch straight
jack receptacle - tab
contact
2
BP1, BP2
Value
Skyworks Solutions
printed element
0.25mm X 0.25mm
Bonding pad
3
R4, R5, R8
0
Ω
Panasonic
ERJ2GEJ0R0
0402
Thick film chip resistor
3
C7, C12, C14
100 nF
muRata
GRM155R61A104KA01
0402
Multilayer ceramic
5
C8, C9, C10, C11, C15
DNI
-
-
0402
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com