Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2623L-R-EK1 Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # SE2623L-R-EK1
Description  SE2623L-R: 2.4 GHz High Power Wireless LAN Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2623L-R-EK1 Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  SE2623L-R-EK1 Datasheet HTML 1Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 2Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 3Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 4Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 5Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 6Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 7Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 8Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DATA SHEET • SE2623L-R: 2.4 GHz HIGH POWER WIRELESS LAN POWER AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202397J • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • February 11, 2020
5
Evaluation Board Description
The SE2623L-R-EK1 Evaluation Board is used to test the
performance of the SE2623L-R PA. A typical application
schematic diagram is provided in Figure 4. Table 8 provides the
Bill of Materials (BOM) list for Evaluation Board components. A
photograph of the Evaluation Board is shown in Figure 5.
Evaluation Board Test Procedure
1. Connect GND to all ground pins.
2. Connect a power supply to the VCC1, VCC2, and the two
RF_OUT pins.
3. If desired, connect a voltage meter to the VDET pin.
4. Connect a +3.3 V supply to EN pin.
5. Connect a signal generator to the RF signal input port. Set it to
the desired RF frequency at a power level of –30 dBm or less
to the Evaluation Board. DO NOT enable the RF signal.
6. Connect a spectrum analyzer to the RF signal output port.
7. Enable the power supply.
8. Enable the RF signal.
9. Take measurements.
CAUTION: If the input signal exceeds the rated power, the
Evaluation Board can be permanently damaged.
NOTE: It is important to adjust the VCC voltage source so that the
target supply voltage (+5) is measured at the board. The
high collector currents will drop the collector voltage
significantly if long leads are used. Adjust the bias voltage
to compensate.
Circuit Design Considerations
The following design considerations are general in nature and
must be followed regardless of final use or configuration:
Paths to ground should be made as short as possible.
The ground pad of the SE2623L-R has special electrical and
thermal grounding requirements. This pad is the main
thermal conduit for heat dissipation. Since the circuit board
acts as the heat sink, it must shunt as much heat as possible
from the device.
Therefore, design the connection to the ground pad to
dissipate the maximum wattage produced by the circuit
board. Multiple vias to the grounding layer are required.
For further information, refer to the Skyworks Application
Note, PCB Design Guidelines for High Power Dissipation
Packages, document number 201211.
Bypass capacitors should be used on the DC supply lines. An
RF inductor is required on the VCC supply line to block RF
signals from the DC supply. Refer to the schematic drawing
in Figure 4 for further details.
The RF lines should be well separated from each other with
solid ground in between traces to maximize input-to-output
isolation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com