Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2623L-R-EK1 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SE2623L-R-EK1
Description  SE2623L-R: 2.4 GHz High Power Wireless LAN Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2623L-R-EK1 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SE2623L-R-EK1 Datasheet HTML 1Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 2Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 3Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 4Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 5Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 6Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 7Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 8Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DATA SHEET • SE2623L-R: 2.4 GHz HIGH POWER WIRELESS LAN POWER AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202397J • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • February 11, 2020
3
Table 4. SE2623L-R Electrical Specifications: DC Characteristics1
(VCC = 5 V, EN = VENH, TA = 25
C as Measured on the Evaluation Board (De-embedded to the Device), All Unused Ports are Terminated
with 50 Ω, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Supply current—Sum of all VCCs
ICC-802.11b
ICC-802.11g
ICQ
POUT = +29 dBm, 11 Mbps CCK signal, BT = 0.45,
VCC = 5.0 V
POUT = +26 dBm, 54 Mbps OFDM signal, 64 QAM,
VCC = 5V
No RF
600
480
280
700
535
mA
mA
mA
Supply current
ICC
VEN = 0 V, No RF
150
μA
Thermal conductivity
θJC
13
°C/W
1 Performance is guaranteed only under the conditions listed in this table.
Table 5. SE2623L-R Electrical Specifications: AC Characteristics: 802.11g/n/ac Transmit Characteristics1
(VCC = 5.0 V, EN = 3.3 V, TA = 25
C as Measured on the Evaluation Board (De-embedded to the Device), All Unused Ports are Terminated
with 50 Ω, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Frequency range
fL-U
2400
2500
MHz
Output power
POUT
MCS8, HT40, 1.8% EVM
MCS8, HT40, 1.25% EVM
MCS7, HT20, 3% EVM
CCK signal, BT = 0.045, mask
MCS0, HT20, mask
MCS0, HT40, mask
+21
+24
+28
+28
+27
+23
+18
+26
+29
+29
+28
dBm
dBm
dBm
dBm
dBm
dBm
+1 dB output compression point
OP1dB
No modulation
+29
+31
dBm
Input return loss
|S11|
10
15
dB
Small signal gain
|S21|
PIN = –25 dBm
30
33
dB
Gain variation over band
S21
PIN = –25 dBm, fIN = 2400 to 2500 MHz
1
dB
Harmonics
2f
3f
POUT = 29 dBm, 802.11b, 1 Mbps
–50
–50
–45
–45
dBm/
MHz
Rise and fall time
tR, tF
0.50
0.75
μs
Stability
STAB
CW, POUT = +29 dBm, 0.1 GHz to 20 GHz,
Load VSWR = 4:1
All non-harmonically related outputs
< –42 dBm/MHz
Ruggedness
RU
CW, 50% duty cycle, PIN = +12 dBm, Load VSWR = 6:1
No damage
1 Performance is guaranteed only under the conditions listed in this table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com