Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMSS0044 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MAAMSS0044
Description  Push Pull CATV Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAMSS0044 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MAAMSS0044 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAMSS0044 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAMSS0044 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAMSS0044 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAMSS0044 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAMSS0044 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Push Pull CATV Amplifier
50 - 1000 MHz
Rev. V1
MAAMSS0044
5
5
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
5
Composite Triple Beat,
79 Channels +34 dBm/channel Output
Typical Performance Curves
-100
-95
-90
-85
-80
-75
-70
-65
-60
0
100
200
300
400
500
600
Frequency (MHz)
Composite Triple Beat,
77 Channels +39 dBm/channel Output
-100
-95
-90
-85
-80
-75
-70
-65
-60
0
100
200
300
400
500
600
Frequency (MHz)
Composite Second Order Low and High,
77 Channels +39 dBm/channel Output
Composite Second Order Low and High,
79 Channels +34 dBm/channel Output
-100
-95
-90
-85
-80
-75
-70
-65
-60
0
100
200
300
400
500
600
CSO_Low
CSO_High
Frequency (MHz)
-100
-95
-90
-85
-80
-75
-70
-65
-60
0
100
200
300
400
500
600
CSO_Low
CSO_High
Frequency (MHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com