Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMSS0044 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAAMSS0044
Description  Push Pull CATV Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAMSS0044 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAAMSS0044 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAMSS0044 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAMSS0044 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAMSS0044 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAMSS0044 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAMSS0044 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Push Pull CATV Amplifier
50 - 1000 MHz
Rev. V1
MAAMSS0044
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Component
Value
Package
C1 - C4
0.01 µF
0402
C5
0.8 pF
0402
C6
1 pF
0402
C7 - C10
0.01 µF
0402
L1
5.6 nH
0402
L2
6.8 nH
0402
L3, L4
470 nH
1008
R1, R2
300 Ω
0402
Parts List9
9. The 1:1 Baluns, T1 &T2 are M/A-COM part number
MABACT0069
Application Schematic
C2
C7
C8
R1
R2
RFOUT
T2
L3
L4
C3
C4
C6
L2
C9
VDD
VDD
C10
T1
C1
RFIN
C5
L1
Sample Board
C1
C2
T1
T2
C7
C8
R1
R2
L1
C5
C4
L3
C9
C10
C3
L2
L4
C6
PCB Land Pattern
Lead Free 4 mm 20-lead PQFN†
†
Reference Application Note M538 for lead-free solder reflow recommendations.
Meets JEDEC moisture sensitivity level 1 requirements.
Plating is 100% matte tin over copper.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com