Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMSS0044 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAMSS0044
Description  Push Pull CATV Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAMSS0044 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAMSS0044 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAMSS0044 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAMSS0044 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAMSS0044 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAMSS0044 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAMSS0044 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Push Pull CATV Amplifier
50 - 1000 MHz
Rev. V1
MAAMSS0044
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Low Distortion
 Low Noise Figure
 Push Pull Design
 Single Positive Supply
 Lead-Free 4 mm 20-Lead PQFN package
 Halogen-Free “Green” Mold Compound
 RoHS* Compliant and 260°C Reflow Compatible
Description
M/A-COM’s MAAMSS0044 is a GaAs PHEMT MMIC
amplifier in a lead-free 4 mm 20-lead PQFN
package. The MMIC design is configured as a pair
of cascode PHEMT amplifiers for broadband
performance. It is designed for integration in a 75 Ω
push-pull, low distortion, amplifier circuit.
The
device is ideally suited for use in CATV, FTTX, DBS,
and HDTV applications where low noise figure and
low distortion are required.
Pin No.
Pin Name
Description
1
N/C4
No Connection
2
N/C
No Connection
3
N/C
No Connection
4
N/C
No Connection
5
N/C
No Connection
6
RFIN1
RF Input 1
7
N/C
No Connection
8
N/C
No Connection
9
N/C
No Connection
10
RFIN2
RF Input 2
11
N/C
No Connection
12
N/C
No Connection
13
N/C
No Connection
14
N/C
No Connection
15
N/C
No Connection
16
RFOUT2
RF Output 2
17
N/C
No Connection
18
N/C
No Connection
19
N/C
No Connection
20
RFOUT1
RF Output 1
Pin Configuration 3
Ordering Information 1,2
Part Number
Package
MAAMSS0044
Bulk Packaging
MAAMSS0044TR
1000 Piece Reel
MAAMSS0044TR-3000
3000 Piece Reel
MAAMSS0044SMB
Sample Board
50 - 1000 MHZ Tuning
3. The exposed pad centered on the package bottom must be
connected to RF and DC ground.
4. It is recommended, but not absolutely compulsory, that all No
Connections (N/C) within the IC are connected to the ground
on the printed circuit board.
Functional Schematic
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C N/C
N/C
RFIN1
RFIN2
RFOUT1
RFOUT2
1
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.


Similar Part No. - MAAMSS0044

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAMSS0044 MA-COM-MAAMSS0044 Datasheet
210Kb / 5P
Push Pull CATV Amplifier 50 - 1000 MHz
MAAMSS0044 MA-COM-MAAMSS0044 Datasheet
210Kb / 5P
Push Pull CATV Amplifier
MAAMSS0044SMB MA-COM-MAAMSS0044SMB Datasheet
210Kb / 5P
Push Pull CATV Amplifier 50 - 1000 MHz
MAAMSS0044TR MA-COM-MAAMSS0044TR Datasheet
210Kb / 5P
Push Pull CATV Amplifier 50 - 1000 MHz
MAAMSS0044TR-3000 MA-COM-MAAMSS0044TR-3000 Datasheet
210Kb / 5P
Push Pull CATV Amplifier 50 - 1000 MHz
More results

Similar Description - MAAMSS0044

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG606 ETC1-AG606 Datasheet
503Kb / 6P
Push-Pull CATV Amplifier
logo
WJ Communication. Inc.
AG606 WJCI-AG606 Datasheet
340Kb / 5P
Push-Pull CATV Amplifier
logo
M/A-COM Technology Solu...
MAAM-009455 MA-COM-MAAM-009455 Datasheet
285Kb / 6P
Push Pull CATV Amplifier
MAAM-010144 MA-COM-MAAM-010144 Datasheet
235Kb / 6P
Push Pull CATV Amplifier
MAAMSS0044 MA-COM-MAAMSS0044 Datasheet
210Kb / 5P
Push Pull CATV Amplifier
logo
TriQuint Semiconductor
TAT8858A1H TRIQUINT-TAT8858A1H_15 Datasheet
1Mb / 25P
CATV Infrastructure Push-Pull Amplifier
logo
M/A-COM Technology Solu...
MAAM-009455 MA-COM-MAAM-009455_15 Datasheet
925Kb / 7P
Push Pull CATV Amplifier
MAAM-010144 MA-COM-MAAM-010144_15 Datasheet
875Kb / 7P
Push Pull CATV Amplifier
MAAM-011177 MA-COM-MAAM-011177 Datasheet
1Mb / 15P
Push-Pull CATV Amplifier
logo
Qorvo, Inc
AG606 QORVO-AG606 Datasheet
325Kb / 5P
Push-Pull CATV Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com