Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF1B-R26 Datasheet(PDF) 8 Page - Hirose Electric

Part # DF1B-R26
Description  2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1B-R26 Datasheet(HTML) 8 Page - Hirose Electric

Back Button DF1B-R26 Datasheet HTML 4Page - Hirose Electric DF1B-R26 Datasheet HTML 5Page - Hirose Electric DF1B-R26 Datasheet HTML 6Page - Hirose Electric DF1B-R26 Datasheet HTML 7Page - Hirose Electric DF1B-R26 Datasheet HTML 8Page - Hirose Electric DF1B-R26 Datasheet HTML 9Page - Hirose Electric DF1B-R26 Datasheet HTML 10Page - Hirose Electric DF1B-R26 Datasheet HTML 11Page - Hirose Electric DF1B-R26 Datasheet HTML 12Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
B160
s Double Row Straight Pin Header
[Specific No.] –* *, (* *)
Blank: Tin plated
(01) : Gold plated
sDouble Row Right Angle Pin Header
[Specific No.] –* *, (* *)
Blank: Tin plated
(01) : Gold plated
Note 1.The quantity at the specific No. "None" is delivered by the bag unit (100 pcs.). If needed, please order the product per bag.
Note 2.The 4 and 6 contact connector contains the concave portion to prevent miss-insertion in the center area at one point, which is
different from the above figure.
Unit: mm
Part Number
CL No.
DF1B-20DP-2.5DSA(**)
DF1B-22DP-2.5DSA(**)
DF1B-24DP-2.5DSA(**)
DF1B-26DP-2.5DSA(**)
DF1B-28DP-2.5DSA(**)
DF1B-30DP-2.5DSA(**)
DF1B-34DP-2.5DSA(**)
DF1B-40DP-2.5DSA(**)
541-0621-4-**
541-0622-7-**
541-0623-0-**
541-0624-2-**
541-0625-5-**
541-0626-8-**
541-0628-3-**
541-0631-8-**
20
22
24
26
28
30
34
40
27.5
30
32.5
35
37.5
40
45
52.5
22.5
25
27.5
30
32.5
35
40
47.5
Number of Contacts
A
B
Part Number
CL No.
DF1B- 4DP-2.5DSA(**)
DF1B- 6DP-2.5DSA(**)
DF1B- 8DP-2.5DSA(**)
DF1B-10DP-2.5DSA(**)
DF1B-12DP-2.5DSA(**)
DF1B-14DP-2.5DSA(**)
DF1B-16DP-2.5DSA(**)
DF1B-18DP-2.5DSA(**)
541-0651-5-**
541-0652-8-**
541-0653-0-**
541-0616-4-**
541-0617-7-**
541-0618-0-**
541-0619-2-**
541-0620-1-**
4
6
8
10
12
14
16
18
7.5
10
12.5
15
17.5
20
22.5
25
2.5
5
7.5
10
12.5
15
17.5
20
Number of Contacts
A
B
Note 1.The quantity at the specific No. "None" is delivered by the bag unit (100 pcs.). If needed, please order the product per bag.
Note 2.The 4 and 6 contact connector contains the concave portion to prevent miss-insertion in the center area at one point, which is
different from the above figure.
Unit: mm
Part Number
CL No.
DF1B-22DP-2.5DS(**)
DF1B-24DP-2.5DS(**)
DF1B-26DP-2.5DS(**)
DF1B-28DP-2.5DS(**)
DF1B-30DP-2.5DS(**)
DF1B-34DP-2.5DS(**)
DF1B-36DP-2.5DS(**)
DF1B-40DP-2.5DS(**)
541-0638-7-**
541-0639-0-**
541-0640-9-**
541-0641-1-**
541-0642-4-**
541-0644-0-**
541-0645-2-**
541-0647-8-**
22
24
26
28
30
34
36
40
30
32.5
35
37.5
40
45
47.5
52.5
25
27.5
30
32.5
35
40
42.5
47.5
Number of Contacts
A
B
Part Number
CL No.
DF1B- 4DP-2.5DS(**)
DF1B- 6DP-2.5DS(**)
DF1B- 8DP-2.5DS(**)
DF1B-10DP-2.5DS(**)
DF1B-12DP-2.5DS(**)
DF1B-14DP-2.5DS(**)
DF1B-16DP-2.5DS(**)
DF1B-18DP-2.5DS(**)
DF1B-20DP-2.5DS(**)
541-0654-3-**
541-0655-6-**
541-0656-9-**
541-0632-0-**
541-0633-3-**
541-0634-6-**
541-0635-9-**
541-0636-1-**
541-0637-4-**
4
6
8
10
12
14
16
18
20
7.5
10
12.5
15
17.5
20
22.5
25
27.5
2.5
5
7.5
10
12.5
15
17.5
20
22.5
Number of Contacts
A
B
qBoard Through-hole Diameter:Ø1.1+0
+0.1
K Board Through-hole Diameter:Ø1.1+0+0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com