Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF1B-R26 Datasheet(PDF) 15 Page - Hirose Electric

Part # DF1B-R26
Description  2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1B-R26 Datasheet(HTML) 15 Page - Hirose Electric

Back Button DF1B-R26 Datasheet HTML 9Page - Hirose Electric DF1B-R26 Datasheet HTML 10Page - Hirose Electric DF1B-R26 Datasheet HTML 11Page - Hirose Electric DF1B-R26 Datasheet HTML 12Page - Hirose Electric DF1B-R26 Datasheet HTML 13Page - Hirose Electric DF1B-R26 Datasheet HTML 14Page - Hirose Electric DF1B-R26 Datasheet HTML 15Page - Hirose Electric DF1B-R26 Datasheet HTML 16Page - Hirose Electric DF1B-R26 Datasheet HTML 17Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
B167
s ID Contact for Plug
K ID Contact Extraction Tool DF-C-PO (C)
Note 1.The applicable cable conductor is the tin plated annealing copper wire.
Note 2.If other cables are used instead of the applicable cable, contact Hirose sales department.
Unit: mm
Part Number
CL No.
Applicable
Cable Indication
DF1B-24PRF
DF1B-24PR
DF1B-26PRF
DF1B-26PR
DF1B-28PRF
DF1B-28PR
DF1B-24PRFB
DF1B-24PRB
DF1B-26PRFB
DF1B-26PRB
DF1B-28PRFB
DF1B-28PRB
541-0666-2
541-0667-5
541-0668-8
541-0669-0
541-0670-0
541-0671-2
541-0672-5
541-0673-8
541-0674-0
541-0675-3
541-0676-6
541-0677-9
Reel
Bag
Reel
Bag
Reel
Bag
Reel
Bag
Reel
Bag
Reel
Bag
10000
100
10000
100
10000
100
10000
100
10000
100
10000
100
AWG
Applicable Cable
UL Style
Wire structure Jacket Diameter
Packaging
Type
Quantity
Finish
24
26
28
24
26
28
AWG 24
AWG 26
AWG 28
AWG 24
AWG 26
AWG 28
1061
1061
1007
1061
1007
1061
1061
1007
1061
1007
11 pcs./0.16mm
7 pcs./0.16mm
7 pcs./0.127mm
11 pcs./0.16mm
7 pcs./0.16mm
7 pcs./0.127mm
0.9 to 1.39mm
0.9 to 1.39mm
0.9 to 1.39mm
0.9 to 1.39mm
0.9 to 1.39mm
0.9 to 1.39mm
Tin plated
Gold plated
Unit: mm
Conductor Size (Contact wire construction)
AWG20 (21 pieces/0.18mm)
AWG22 (17 pieces/0.16mm)
AWG24 (11 pieces/0.16mm)
AWG26 (7 pieces/0.16mm)
AWG28 (7 pieces/0.127mm)
AWG30 (7 pieces/0.1mm)
K Applicable Cable (Tin Plated Annealing Copper Wire) K Recommended Cable
UL1061, UL1007
K Strip Length
3.0 to 3.7mm
Note:If other cables are used instead
of the applicable cable, consult
Hirose sales department.
s Crimping Contact for Plug
K Crimping Contact Extraction Tool DF-C-PO (C)
Part Number
CL No.
DF1B-2022PCF
DF1B-2022PC
DF1B-2428PCF
DF1B-2428PC
DF1B-30PCF
DF1B-30PC
DF1B-2022PCFB
DF1B-2022PCB
DF1-PD2428SCFB
DF1-PD2428SCB
DF1B-30PCFB
DF1B-30PCB
541-0259-9
541-0260-8
541-0664-7
541-0665-0
541-0686-0
541-0687-2
541-0690-7
541-0691-0
541-0660-6
541-0661-9
541-0688-5
541-0689-8
Reel
Bag
Reel
Bag
Reel
Bag
Reel
Bag
Reel
Bag
Reel
Bag
10000
100
10000
100
10000
100
10000
100
10000
100
10000
100
AWG
Applicable Cable
Jacket Diameter
Packaging
Type
Quantity
Gold plated
Tin plated
1.2 to 1.9mm
0.9 to 1.5mm
0.6 to 1.2mm
1.2 to 1.9mm
0.9 to 1.5mm
0.6 to 1.2mm
AWG 20 to
AWG 22
AWG 24 to
AWG 28
AWG 30
AWG 20 to
AWG 22
AWG 24 to
AWG 28
AWG 30
Treatment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com